Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5451 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CS5451
Description  SIX CHANNEL DELTA SIGMA ANALOG TO DIGITAL CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS5451 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CS5451 Datasheet HTML 1Page - List of Unclassifed Manufacturers CS5451 Datasheet HTML 2Page - List of Unclassifed Manufacturers CS5451 Datasheet HTML 3Page - List of Unclassifed Manufacturers CS5451 Datasheet HTML 4Page - List of Unclassifed Manufacturers CS5451 Datasheet HTML 5Page - List of Unclassifed Manufacturers CS5451 Datasheet HTML 6Page - List of Unclassifed Manufacturers CS5451 Datasheet HTML 7Page - List of Unclassifed Manufacturers CS5451 Datasheet HTML 8Page - List of Unclassifed Manufacturers CS5451 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
CS5451
4
DS458PP4
ANALOG CHARACTERISITCS (continued)
Notes: 4. All outputs unloaded. All inputs CMOS level.
5. Definition for PSRR: VREFIN tied to VREFOUT, VA+ = VD+ = 3V, AGND = DGND = 0V, VA- = -2V
(using charge-pump circuit with CPD). In addition, a 106.07 mV rms (60 Hz) sinewave is imposed onto
the VA+ and VD+ pins. The “+” and “-” input pins of both input channels are shorted to VA-. 2048
instantaneous digital output data words are collected for the channel under test. The rms value of the
digital sinusoidal output signal is calculated, and this rms value is converted into the rms value of the
sinusoidal voltage (measured in mV) that would need to be applied at the channel’s inputs, in order to
cause the same digital sinusoidal output. This voltage is then defined as Veq. PSRR is then (in dB):
DIGITAL CHARACTERISTICS (T
A = -40 °C to +85 °C; +2.7V < VA+ < +3.5V; +2.7V < VD+ < +3.5V;
VA- = -2 V ±10%; AGND, DGND = 0.0 V) (See Note 6)
Notes: 6. All measurements performed under static conditions.
7. For OWRS and GAIN pins, input leakage current is 30 µA (Max).
Parameter
Symbol
Min
Typ
Max
Unit
Reference Output
Output Voltage
REFOUT
1.15
-
1.25
V
Temperature Coefficient
-
20
50
ppm/°C
Load Regulation
(Output Current 1
µA Source or Sink)
∆VR
-6
10
mV
Power Supply Rejection
PSRR
60
-
-
dB
Reference Input
Input Voltage Range
VREF+
1.15
1.2
1.25
V
Input Capacitance
-
-
10
pF
Input CVF Current
-
-
1
µA
Power Supplies
Power Supply Currents
IA+
ID+
PSCA
PSCD
-
-
-
-
3
4
mA
mA
Power Consumption
(Note 4)
PC
-
-
27
mW
Power Supply Rejection
(DC)
(see Note 5)
(50, 60 Hz)
PSRR
PSRR
50
60
-
-
-
-
dB
dB
Parameter
Symbol
Min
Typ
Max
Unit
High-Level Input Voltage
VIH
0.6 VD+
-
VD+
V
Low-Level Input Voltage
VIL
0.0
-
0.8
V
High-Level Output Voltage
Iout = -5.0 mA
VOH
(VD+) - 1.0
-
-
V
Low-Level Output Voltage
Iout = 5.0 mA
VOL
--
0.4
V
Input Leakage Current
(Note 7)
Iin
-±1
±10
µA
3-State Leakage Current
IOZ
--
±10
µA
Digital Output Pin Capacitance
Cout
-9
-
pF
PSRR
20
106.07
V
eq
----------------



log
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com