Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5451 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # CS5451
Description  SIX CHANNEL DELTA SIGMA ANALOG TO DIGITAL CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS5451 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  CS5451 Datasheet HTML 1Page - List of Unclassifed Manufacturers CS5451 Datasheet HTML 2Page - List of Unclassifed Manufacturers CS5451 Datasheet HTML 3Page - List of Unclassifed Manufacturers CS5451 Datasheet HTML 4Page - List of Unclassifed Manufacturers CS5451 Datasheet HTML 5Page - List of Unclassifed Manufacturers CS5451 Datasheet HTML 6Page - List of Unclassifed Manufacturers CS5451 Datasheet HTML 7Page - List of Unclassifed Manufacturers CS5451 Datasheet HTML 8Page - List of Unclassifed Manufacturers CS5451 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
CS5451
DS458PP4
5
RECOMMENDED OPERATING CONDITIONS (AGND, DGND = 0.0 V)
ABSOLUTE MAXIMUM RATINGS (AGND, DGND = 0.0 V; See Note 8.)
Notes: 8. All voltages with respect to AGND.
9. Applies to all pins including continuous over-voltage conditions at the analog input (AIN) pins.
10. Transient current of up to 100 mA will not cause SCR latch-up. Maximum input current for a power
supply pin is ±50 mA.
11. Total power dissipation, including all input currents and output currents.
WARNING: Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
Parameter
Symbol
Min
Typ
Max
Unit
DC Power Supplies
Positive Digital
Positive Analog
Negative Analog
VD+
VA+
VA-
2.7
2.7
-2.2
3.0
3.0
-2.0
3.5
3.5
-1.8
V
V
V
Voltage Reference Input
VREF+
-
1.2
-
V
Parameter
Symbol
Min
Typ
Max
Unit
DC Power Supplies
Positive Digital
Positive Analog
Negative Analog
VD+
VA+
VA-
-0.3
-0.3
-2.5
-
-
+3.5
+3.5
-0.3
V
V
V
Input Current, Any Pin Except Supplies
(Note 9 and 10)
IIN
--
±10
mA
Output Current
IOUT
--
±25
mA
Power Dissipation
(Note 11)
PDN
-
-
500
mW
Analog Input Voltage
All Analog Pins
VINA
VA- - 0.3
-
(VA+) + 0.3
V
Digital Input Voltage
All Digital Pins
VIND
-0.3
-
(VD+) + 0.3
V
Ambient Operating Temperature
TA
-40
-
85
°C
Storage Temperature
Tstg
-65
-
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com