Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5451 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # CS5451
Description  SIX CHANNEL DELTA SIGMA ANALOG TO DIGITAL CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS5451 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button CS5451 Datasheet HTML 3Page - List of Unclassifed Manufacturers CS5451 Datasheet HTML 4Page - List of Unclassifed Manufacturers CS5451 Datasheet HTML 5Page - List of Unclassifed Manufacturers CS5451 Datasheet HTML 6Page - List of Unclassifed Manufacturers CS5451 Datasheet HTML 7Page - List of Unclassifed Manufacturers CS5451 Datasheet HTML 8Page - List of Unclassifed Manufacturers CS5451 Datasheet HTML 9Page - List of Unclassifed Manufacturers CS5451 Datasheet HTML 10Page - List of Unclassifed Manufacturers CS5451 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
CS5451
DS458PP4
7
2. GENERAL DESCRIPTION
The CS5451 is designed for 3-phase power meter
applications and interfaces to a current transform-
ers or shunt to measure current, and a resistive di-
vider or transformer to measure voltage.
The CS5451 combines six
∆Σ modulators and dec-
imation filters, three channels assigned for current
input that have programmable input gain amplifi-
ers, and three channels assigned for voltage input.
The CS5451 includes six decimation filters that
output data at a 2000 Hz or 4000 Hz output word
rate (OWR) when the input frequency at XIN =
4.096 MHz.
The device outputs data on a serial output port.
2.1
Theory of Operation
The CS5451 is designed to operate from a single
+3V supply and provides a ±40 mV and ±800 mV
input range for the current channels and ±800 mV
range for the voltage channels. These voltages rep-
resent the maximum zero-to-peak voltage levels
that can be presented to the inputs. The CS5451 is
designed to accommodate common mode + signal
levels from VA- to VA+. Figure 2 illustrates the
CS5451 typical inputs and power supply connec-
tions.
VA+
VD+
VIN1+, VIN2+, or VIN3+
VIN1-, VIN2-, or VIN3-
IIN1+, IIN2+, or IIN3+
IIN1-, IIN2-, or IIN3-
AGND
DGND
REFIN
REFOUT
Optional
External
Reference
V
PHASE
+
I
-2 V
PHASE
VA-
+3 V
1.2 V
NOTE: Current input channels
actually measure voltage.
Figure 2. Typical Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com