Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7985 Datasheet(PDF) 22 Page - STMicroelectronics

Part # L7985
Description  Voltage feed-forward
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7985 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L7985 Datasheet HTML 18Page - STMicroelectronics L7985 Datasheet HTML 19Page - STMicroelectronics L7985 Datasheet HTML 20Page - STMicroelectronics L7985 Datasheet HTML 21Page - STMicroelectronics L7985 Datasheet HTML 22Page - STMicroelectronics L7985 Datasheet HTML 23Page - STMicroelectronics L7985 Datasheet HTML 24Page - STMicroelectronics L7985 Datasheet HTML 25Page - STMicroelectronics L7985 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
Application information
L7985
22/42
DocID022446 Rev 7
For example, with VOUT = 5 V, VIN = 24 V, IO = 2 A, L = 22 H, COUT = 22 F, and
ESR < 1 m
, the type III compensation network is:
In Figure 12 the module and phase of the open-loop gain is shown. The bandwidth is about
32 kHz and the phase margin is 51 °.
Figure 12. Open-loop gain Bode diagram with ceramic output capacitor
R1 4.99k
=
R2 680
=
R3 270
=
R4 1.1k
=
C3 4.7nF
=
C4 47nF
=
C5 1nF
=




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com