Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7985 Datasheet(PDF) 35 Page - STMicroelectronics

Part # L7985
Description  Voltage feed-forward
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7985 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button L7985 Datasheet HTML 31Page - STMicroelectronics L7985 Datasheet HTML 32Page - STMicroelectronics L7985 Datasheet HTML 33Page - STMicroelectronics L7985 Datasheet HTML 34Page - STMicroelectronics L7985 Datasheet HTML 35Page - STMicroelectronics L7985 Datasheet HTML 36Page - STMicroelectronics L7985 Datasheet HTML 37Page - STMicroelectronics L7985 Datasheet HTML 38Page - STMicroelectronics L7985 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
DocID022446 Rev 7
35/42
L7985
Application ideas
42
Equation 41
where VD is the voltage drop across the diodes, VSW and VSWE across the internal and
external power MOSFET.
7.2
Inverting buck-boost
The L7985 device can implement the step-up/down converter with a negative output
voltage.
Figure 34 shows the schematic to regulate -5 V: no further external components are added
to the standard buck topology.
The relationship between input and output voltage is:
Equation 42
so the duty cycle is:
Equation 43
As in the positive one, in the inverting buck-boost the current flowing through the power
MOSFET is transferred to the load only during the off-time. So, according to the maximum
DC switch current (2.0 A), the maximum output current can be calculated from Equation 38,
where the duty cycle is given by Equation 42.
Figure 36. Inverting buck-boost regulator
The GND pin of the device is connected to the output voltage so, given the output voltage,
the input voltage range is limited by the maximum voltage the device can withstand across
D
VOUT 2VD
+
VIN VSW VSWE VOUT 2V
D
++
--------------------------------------------------------------------------------------------
=
VOUT
VIN
D
1D
-------------
=
D
VOUT
VOUT VIN
------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com