Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9779WD-SPI Datasheet(PDF) 113 Page - STMicroelectronics

Part # L9779WD-SPI
Description  Smart reset function
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD-SPI Datasheet(HTML) 113 Page - STMicroelectronics

Back Button L9779WD-SPI Datasheet HTML 109Page - STMicroelectronics L9779WD-SPI Datasheet HTML 110Page - STMicroelectronics L9779WD-SPI Datasheet HTML 111Page - STMicroelectronics L9779WD-SPI Datasheet HTML 112Page - STMicroelectronics L9779WD-SPI Datasheet HTML 113Page - STMicroelectronics L9779WD-SPI Datasheet HTML 114Page - STMicroelectronics L9779WD-SPI Datasheet HTML 115Page - STMicroelectronics L9779WD-SPI Datasheet HTML 116Page - STMicroelectronics L9779WD-SPI Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 141 page
background image
DocID027721 Rev 2
113/141
L9779WD-SPI
Functional description
140
The command START sets the bit <OUT_DIS> to ‘0’. With <OUT_DIS> = ‘0’ the outputs
[OUT1...OUT10] [OUT13…OUT28] and [IGN1...IGN4] can be activated using control
registers. After a reset (default state) the bit is <OUT_DIS>=’1’ and the outputs are disabled
(so any SPI data frame writing control registers is ignored and the power stages are all
switched off).
The command has no relevant data as command data bit – they may be set to ‘1’ or ‘0’.
This command allows the µC turning on the MRD if it is switched off due to over current.
10
ADD(0)
ADD(0)
9X0
8X0
7X0
6X0
5X0
4X0
3STOP0
2START
0
1
MRD_REACT
OUT_DIS
0
Odd Parity
Odd Parity
Table 57. START_REACT (continued)
Bit
DIN
DO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com