Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24SR64-Y Datasheet(PDF) 13 Page - STMicroelectronics

Part # M24SR64-Y
Description  Support of NDEF data structure
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24SR64-Y Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M24SR64-Y Datasheet HTML 9Page - STMicroelectronics M24SR64-Y Datasheet HTML 10Page - STMicroelectronics M24SR64-Y Datasheet HTML 11Page - STMicroelectronics M24SR64-Y Datasheet HTML 12Page - STMicroelectronics M24SR64-Y Datasheet HTML 13Page - STMicroelectronics M24SR64-Y Datasheet HTML 14Page - STMicroelectronics M24SR64-Y Datasheet HTML 15Page - STMicroelectronics M24SR64-Y Datasheet HTML 16Page - STMicroelectronics M24SR64-Y Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 90 page
background image
DocID023790 Rev 19
13/90
M24SR64-Y
Signal descriptions
20
EnableVerificationRequirement, DisableVerificationRequirement, EnablePermanentState,
DisablePermanentState, until the completion of the internal I²C write cycle (tW).
2.5.2
Power-up conditions
When the power supply is turned on, VCC rises from VSS to VCC. The VCC rise time must not
vary faster than 1V/µs.
2.5.3
Device reset in I²C mode
In order to prevent inadvertent write operations during power-up, a power-on reset (POR)
circuit is included. At power-up (continuous rise of VCC), the M24SR64-Y does not respond
to any I²C instruction until VCC has reached the power-on reset threshold voltage (this
threshold is lower than the minimum VCC operating voltage defined). When VCC passes
over the POR threshold, the device is reset and enters the Standby power mode. However,
the device must not be accessed until VCC has reached a valid and stable VCC voltage
within the specified [VCC(min), VCC(max)] range.
In a similar way, during power-down (continuous decrease in VCC), as soon as VCC drops
below the power-on reset threshold voltage, the M24SR64-Y stops responding to any
instruction sent to it.
2.5.4
Power-down conditions
During power-down (continuous decay of VCC), the M24SR64-Y must be in Standby power
mode (mode reached after decoding a Stop condition, assuming that there is no internal
operation in progress).
2.6
RF disable
This input signal is used to disable the RF communication. When the voltage on the VCC pin
is below the POR level or not connected, an internal pull-down resistor is connected on this
pad. Thus, the RF disable pad is maintained to the low level and the RF analog front end is
activated. When the voltage on the VCC pin is higher than the POR level, the I²C host shall
set this pin to enable or disable the RF communication. In Dual interface mode, RF disable
must not be left floating.
2.7
General purpose output (GPO)
The GPO pad is an open drain pad and a external pull-up resistor shall be connected to it.
This pad is a configurable output signal. On delivery, GPO is configured as Session opened.
Its behavior is consistent with the I2C or RF session activated and with the mode chosen by
the user. The GPO pad is enable when an RF or an I2C session is open. When neither an
RF nor an I2C session is open, the GPO is high impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com