Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24SR64-Y Datasheet(PDF) 49 Page - STMicroelectronics

Part # M24SR64-Y
Description  Support of NDEF data structure
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24SR64-Y Datasheet(HTML) 49 Page - STMicroelectronics

Back Button M24SR64-Y Datasheet HTML 45Page - STMicroelectronics M24SR64-Y Datasheet HTML 46Page - STMicroelectronics M24SR64-Y Datasheet HTML 47Page - STMicroelectronics M24SR64-Y Datasheet HTML 48Page - STMicroelectronics M24SR64-Y Datasheet HTML 49Page - STMicroelectronics M24SR64-Y Datasheet HTML 50Page - STMicroelectronics M24SR64-Y Datasheet HTML 51Page - STMicroelectronics M24SR64-Y Datasheet HTML 52Page - STMicroelectronics M24SR64-Y Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 90 page
background image
DocID023790 Rev 19
49/90
M24SR64-Y
I²C and RF command sets
78
5.8.3
DisablePermanentState command
The command configures the NDEF file to the Lock state.
This command can update the right access of the NDEF file by writing into the EEPROM. In
this case, the response timing will be around 6 ms. This command is only valid in I2C. The
SuperUser rights must have been granted to execute the command.
Before sending this command, an NDEF file shall be selected by issuing the NDEF Select
command.
Table 50 defines the DisablePermanentState requirement command.
Table 51 defines the R-APDU of the DisablePermanentState command.
Value
-
0x69
0x82
Security status not satisfied
Value
-
0x6A
0x80
CC file or System file selected
Value
-
0x6A
0x82
File or application not found
Value
-
0x6A
0x86
Incorrect P1 or P2 values
Value
-
0x6E
0x00
Class not supported
Table 49. R-APDU table of the EnablePermanentState command (continued)
Data
SW1
SW2
comment
Table 50. DisablePermanentState command format
Name
CLA
INS
P1 & P2
Lc
Data
Le
Length
0xA2
0x26
2 bytes
-
-
-
Class byte
Instruction code
New security attributes
0x0001: Disable the read protection of the NDEF file
0x0002: Disable the write protection of the NDEF file
Other: RFU
-
-
-
Table 51. R-APDU of the DisablePermanentState command
Data
SW1
SW2
comment
Length
-
1 byte
1 byte
-
Value
-
0x90
0x00
Command completed
Value
-
0x65
0x81
Update failed
Value
-
0x67
0x00
Wrong length
Value
-
0x69
0x82
Security status not satisfied



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com