Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24SR64-Y Datasheet(PDF) 30 Page - STMicroelectronics

Part # M24SR64-Y
Description  Support of NDEF data structure
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24SR64-Y Datasheet(HTML) 30 Page - STMicroelectronics

Back Button M24SR64-Y Datasheet HTML 26Page - STMicroelectronics M24SR64-Y Datasheet HTML 27Page - STMicroelectronics M24SR64-Y Datasheet HTML 28Page - STMicroelectronics M24SR64-Y Datasheet HTML 29Page - STMicroelectronics M24SR64-Y Datasheet HTML 30Page - STMicroelectronics M24SR64-Y Datasheet HTML 31Page - STMicroelectronics M24SR64-Y Datasheet HTML 32Page - STMicroelectronics M24SR64-Y Datasheet HTML 33Page - STMicroelectronics M24SR64-Y Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 90 page
background image
I²C and RF command sets
M24SR64-Y
30/90
DocID023790 Rev 19
5
I²C and RF command sets
The command sets of the M24SR64-Y can be split in different command families. Most
commands are common between the RF and the I²C interface. Some commands are
specific to the RF interface and some others are specific to the I²C interface. This section
describes the M24SR64-Y command sets that can be issued by the RF or the I²C host.
There are three command families:
•
the NFC Forum Type 4 Tag command set
•
the ISO/IEC 7816-4 command set
•
the proprietary command set
The NFC Forum Type 4 Tag command set and the ISO/IEC 7816-4 command set use the I-
Block format. For more details about the I-Block format, refer to Section 5.2: I-Block format.
Two other command formats exist:
•
the commands using the R-Block format
•
the commands using the S-Block format
For more details about these formats, refer to the corresponding sections: Section 5.3: R-
Block format and Section 5.4: S-Block format.
This section gives a brief description of the RF and I²C host common commands. The
format of these command sets is the I-Block format.
Table 14 lists the RF and I²C command sets.
Table 14. RF and I²C command sets
Family
command set
Command name
Class
byte
Instruction
code
Brief description
NFC Forum
Type 4 Tag
NDEF Tag Application Select
0x00
0xA4
NDEF Tag Application
Select
CC select
0x00
0xA4
Select the CC file
NDEF select
0x00
0xA4
Select the NDEF file
System select
0x00
0xA4
Select the system file
ReadBinary
0x00
0xB0
Read data from file
UpdateBinary
0x00
0xD6
Write or erase data to a
NDEF file
ISO/IEC 7816-4
Verify
0x00
0x20
Checks the right access of
a NDEF file or sends a
password
ChangeReferenceData
0x00
0x24
Change a Read or write
password
EnableVerificationRequirement
0x00
0x28
Activate the password
security
DisableVerificationRequirement
0x00
0x26
Disable the password
security



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com