Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NFS110-7902PJ Datasheet(PDF) 4 Page - Artesyn Technologies

Part # NFS110-7902PJ
Description  Single and quad output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NFS110-7902PJ Datasheet(HTML) 4 Page - Artesyn Technologies

  NFS110-7902PJ Datasheet HTML 1Page - Artesyn Technologies NFS110-7902PJ Datasheet HTML 2Page - Artesyn Technologies NFS110-7902PJ Datasheet HTML 3Page - Artesyn Technologies NFS110-7902PJ Datasheet HTML 4Page - Artesyn Technologies NFS110-7902PJ Datasheet HTML 5Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NFS110 Medical Series Data Sheet
ALL DIMENSIONS IN INCHES (mm)
Optional
Power Fail
Detect Circuit
(Key = Pin 2)
Pin 1
6-32 UNC
(4PL)
PIN 1
1.00 0.005
(25.4)
Voltage Adjust
J2
J1
F1
L1
T1
C6
PIN 1
0.156
DIA. HOLE
(4PL)
5A, 250 VAC
0.475
0.010
(12.07)
1.55 0.005
(39.37)
3.35 0.015 (85.09)
1.80 (45.72) MAX
0.050 0.020
(1.27)
4.250
0.020
(107.95)
3.750
0.005
(95.25)
0.250
0.010
(6.35)
0.250
0.010
(6.35)
6.50 0.005 (165.1)
7.00 0.020 (177.8)
T1
HIGH
T1
T2
T3
4.75V
3.5V MIN
0-0.4 MAX
LOW
4.75V
5V OUTPUT
PFD SIGNAL
AC INPUT
OPTIONAL POWER FAIL DETECT TIMING DIAGRAM
80W
20 CFM FORCED AIR COOLING
40W
55W
0W
11W
11W MINIMUM LOAD REQUIRED AT 230VAC
NATURAL
CONVECTION
COOLING
0C
10C
20C
30C
40C
50C
60C
70C
DERATING CURVE (See Notes 9, 10)
Output Power (Watts)
110W
J1
AC (J1) mating connector
Molex 09-50-3051 or Molex 09-91-0500 mating connector
with 2478 or equivalent crimp terminals.
DC (J2) mating connector
Molex 09-50-3131 or Molex 09-91-1300 mating connector
with 2478 or equivalent crimp terminals.
Power fail detect signal (Note 8)
50 ms ≤ T1 ≤ 200 ms
T2 will vary with line and load
T3 ≥ 3 ms
Pout: 110 W
PFD output is an open collector which will
sink ≤ 40 mA in the low state.
Mechanical Notes
A Metallic or non-metallic stand-offs (maximum diameter 5.4 mm) can
be used in all four mounting holes without effecting safety approval.
B The ground pad of the mounting hole near J1, allows system
grounding through a metal stand-off to the system chassis.
C The heat sink is grounded, and allows system grounding by
mechanical connection to the system chassis.
D The supply must be mechanically supported using the PCB
mounting holes and may be additionally supported by the heatsink
mounting holes.
E It is always advisable to attach the power supply heat sink to
another thermal dissipator (such as a chassis or finned heatsink
etc). The resulting decrease in heat sink mounted component
temperatures will improve power supply lifetime.
F A standard L-bracket and cover is available for mounting which
contains all screws, connectors and necessary mounting hardware.
The kit is available, order part number “NFS110CJ”.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com