Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NFS110-7902PJ Datasheet(PDF) 1 Page - Artesyn Technologies

Part # NFS110-7902PJ
Description  Single and quad output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NFS110-7902PJ Datasheet(HTML) 1 Page - Artesyn Technologies

  NFS110-7902PJ Datasheet HTML 1Page - Artesyn Technologies NFS110-7902PJ Datasheet HTML 2Page - Artesyn Technologies NFS110-7902PJ Datasheet HTML 3Page - Artesyn Technologies NFS110-7902PJ Datasheet HTML 4Page - Artesyn Technologies NFS110-7902PJ Datasheet HTML 5Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
POWER
NFS110 Medical Series
Single and quad output
Total Power: 80 - 110 W
Input Voltage: 100 - 240Vac
127 - 357 Vdc
# of Outputs: Single, quad
Special FeatureS
ƒ
7.0 x 4.25 x 1.8 inch package
ƒ
Medical, dental and laboratory applica-
tions
ƒ
Overvoltage and short circuit protection
ƒ
110 W with 20 CFM
ƒ
UL, cUL and VDE approvals
ƒ
EN60601-1 and UL2601 medical
approvals
ƒ
Available RoHS compliant
ƒ
2 years warranty
SaFety
ƒ
EN60950-1/IEC60950-1
ƒ
EN60601-1
ƒ
UL60601-1/CSA C22.2 No. 601-1 File
No. E182560
Electrical Specifications
Output
Voltage adjustability:
+5.1 V o/p on multi’s
5.1 V single output
12 V single output
15 V single output
24 V single output
± 3.0%
± 3.0%
12 - 14 V
15 - 18 V
24 - 30 V
Line regulation:
LL to HL, FL
All outputs on all units
± 0.1% max.
Overshoot/undershoot:
At turn-on no lead
0%
Temperature coefficient:
All outputs
±0.02% / °C
Overvoltage protection:
Multi o/p 5.1 V only
5.1 V single
12 V single
15 V single
24 V single
6.25 V ± 0.75 V
6.25 V ± 0.75 V
15.75 V ± 1.0 V
22 V ± 1.5 V
33 V ± 2.5 V
Output power limit:
Primary power
limited
Pin max. 160 W
Pout min. 110 W
Short circuit protection:
Burst mode operation
Input
Input voltage range:
100 - 240 Vac
127 - 357 Vdc
Input frequency range:
47 - 440 Hz
Input surge current:
110 Vac. 50 Hz
230 Vac. 50 Hz
17 A
25 A
Safety ground leakage
current:
132 Vac
264 Vac
50 μA
100 μA
All specifications are typical at nominal input, full load at 25 °C unless otherwise stated
Data Sheet


Similar Part No. - NFS110-7902PJ

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
NFS110-7902PJ EMERSON-NETWORKPOWER-NFS110-7902PJ Datasheet
416Kb / 5P
NFS110 Series
More results

Similar Description - NFS110-7902PJ

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AFC5 ARTESYN-AFC5 Datasheet
55Kb / 2P
Single and dual output
logo
Emerson Network Power
NFS110-7601PJ EMERSON-NETWORKPOWER-NFS110-7601PJ Datasheet
548Kb / 5P
Single & quad output
NFS110 EMERSON-NETWORKPOWER-NFS110_09 Datasheet
513Kb / 5P
Single & Quad output
NFS110-7902P EMERSON-NETWORKPOWER-NFS110-7902P Datasheet
426Kb / 5P
Single and quad output
logo
Linear Technology
LT6202 LINER-LT6202_15 Datasheet
1Mb / 28P
Single/Dual/Quad 100MHz, Rail-to-Rail Input and Output
LT6203 LINER-LT6203_15 Datasheet
1Mb / 28P
Single/Dual/Quad 100MHz, Rail-to-Rail Input and Output
LT6204 LINER-LT6204_15 Datasheet
1Mb / 28P
Single/Dual/Quad 100MHz, Rail-to-Rail Input and Output
logo
Artesyn Technologies
NLP150H ARTESYN-NLP150H Datasheet
119Kb / 4P
Single, dual, triple and quad output
NFS110-7601PJ ARTESYN-NFS110-7601PJ Datasheet
513Kb / 5P
Single & Quad output
NFS110-7924J ARTESYN-NFS110-7924J Datasheet
992Kb / 5P
Single and quad output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com