Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NFS110-7902PJ Datasheet(PDF) 3 Page - Artesyn Technologies

Part # NFS110-7902PJ
Description  Single and quad output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NFS110-7902PJ Datasheet(HTML) 3 Page - Artesyn Technologies

  NFS110-7902PJ Datasheet HTML 1Page - Artesyn Technologies NFS110-7902PJ Datasheet HTML 2Page - Artesyn Technologies NFS110-7902PJ Datasheet HTML 3Page - Artesyn Technologies NFS110-7902PJ Datasheet HTML 4Page - Artesyn Technologies NFS110-7902PJ Datasheet HTML 5Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NFS110 Medical Series Data Sheet
Ordering Information
Output
Voltage
Output Currents
Ripple(4)
Total
Regulation(5)
Model Numbers (13, 14, F)
Max(1)
Peak (2)
Fan(3)
+5.1 V
8 A
20 A
10 A
50 mV
± 2.0%
NFS110-7901PJ
+12 V
4.5 A
9 A
5 A
120 mV
± 3.0%
–12 V
0.5 A
1.5 A
1 A
120 mV
± 3.0%
–5 V
0.5 A
1.5 A
1 A
50 mV
± 3.0%
+5.1 V (I
A)
8 A
20 A
10 A
50 mV
+ 2.0%
NFS110-7902PJ
+24 V (I
B)
(6)
3.5 A
4.5 A
4.5 A
240 mV
+ 10 / – 5.0%
+12 V
4.5 A
9 A
5 A
120 mV
± 3.0%
–12 V
0.5 A
1.5 A
1 A
120 mV
± 3.0%
12 V
7 A
9 A
9 A
120 mV
± 2.0%
NFS110-7912J (7,8)
15 V
5 A
7.3 A
7.3 A
150 mV
± 2.0%
NFS110-7915J (7,8)
24 V
3.5 A
4.5 A
4.5 A
240 mV
± 2.0%
NFS110-7924J (7,8)
Notes
1. Convection cooled, 80 W maximum.
2. Peak outputs lasting less than 60 seconds with duty cycle less than
10%. Total peak power must not exceed 110 W.
3. Forced air, 20 CFM at 1 atmosphere, 110 W maximum.
4. Figure is peak-to-peak. Output ripple is measured across a 50 MHz
bandwidth using a 12 inch twisted pair terminated with a 47 μF
capacitor.
5. Total regulation is defined at the static output regulation at 25 °C,
including initial tolerance, line voltage within stated limits and output
voltages adjusted to their factory settings. Also for NFS110-7902PJ, for
24 V output stated regulation I
A / IB² 5. This output will maintain ±5.0%
regulation if I
A² 5 A, where IA = +5.1 V output current and IB = +24 V
output current.
6. Single output models have floating outputs which may be referenced as
either positive or negative. Higher voltage supplies, may be adjusted
over a wide output voltage range, as long as the total output power
does not exceed 80 Watts (natural convection) or 110 Watts (forced air).
7. Power fail detect not available on single output models.
8. Derating curve is application specific for ambient temperatures > 50 °C,
for optimum reliability no part of the heatsink should exceed 90 °C and
no semiconductor case temperature should exceed 100 °C.
9. Caution: Allow a minimum of 1 second after disconnecting the power
when making thermal measurements.
10. The user should read the PSU installation instructions in conjunction
with the relevant national safety regulations in order to ensure
compliance.
11. Three orthogonal axes, random vibration, 10 minute test for each axis.
12. This product is only for inclusion by professional installers within other
equipment and must not be operated as a stand alone product.
13. The ‘J’ suffix indicates that these parts are Pb-free (RoHS 6/6)
compliant. TSE RoHS 5/6 (non Pb-free) compliant versions may be
available on special request, please contact your local sales
representative for details.
14. NOTICE: Some models do not support all options. Please contact your
local Artesyn Embedded Technologies representative or use the on-line
model number search tool at www.artesyn.com/power to find a suitable
alternative.
Transient Response
NFS110-7901PJ +5.1 V (7.5-10 A)
150 mV peak, 1 ms recovery
+12 V (2.5-5 A)
100 mV peak, 0.5 ms recovery
-12 V (0.5-1 A)
100 mV peak, 0.5 ms recovery
-5 V (0.5-1 A)
100 mV peak, 0.5 ms recovery
NFS110-7902PJ +5.1 V (7.5-10 A)
150 mV peak, 1 ms recovery
+12 V (2.5-5 A)
100 mV peak, 0.5 ms recovery
-12 V (0.5-1 A)
100 mV peak, 0.5 ms recovery
24 V (1.5-3 A)
300 mV peak,1 ms recovery
NFS110-7905J
+5.1 V (10-20 A) 250 mV peak, 1 ms recovery
NFS110-7912J
+12 V (4.5-9 A) 360 mV peak, 1 ms recovery
NFS110-7915J
+15 V (3.65-7.3 A) 450 mV peak, 1 ms recovery
NFS110-7924J
+24 V (2.25-4.5 A) 720 mV peak, 1 ms recovery



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com