Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4622-1BRZ-R7 Datasheet(PDF) 28 Page - Analog Devices

Part # ADA4622-1BRZ-R7
Description  30 V, 8 MHz, Low Bias Current, Single-Supply, RRO, Precision Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4622-1BRZ-R7 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADA4622-1BRZ-R7 Datasheet HTML 24Page - Analog Devices ADA4622-1BRZ-R7 Datasheet HTML 25Page - Analog Devices ADA4622-1BRZ-R7 Datasheet HTML 26Page - Analog Devices ADA4622-1BRZ-R7 Datasheet HTML 27Page - Analog Devices ADA4622-1BRZ-R7 Datasheet HTML 28Page - Analog Devices ADA4622-1BRZ-R7 Datasheet HTML 29Page - Analog Devices ADA4622-1BRZ-R7 Datasheet HTML 30Page - Analog Devices ADA4622-1BRZ-R7 Datasheet HTML 31Page - Analog Devices ADA4622-1BRZ-R7 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
ADA4622-1/ADA4622-2
Data Sheet
Rev. B | Page 28 of 34
The following basic transfer function describes the transimpedance
gain of the photodiode preamplifier:
F
F
F
PHOTO
OUT
R
sC
R
I
V
1
where
IPHOTO is the output current of the photodiode.
The parallel combination of RF and CF sets the signal bandwidth
(see the I to V gain curve in Figure 95).
s refers to the s-plane.
Note that RF must be set so the maximum attainable output
voltage corresponds to the maximum diode output current,
IPHOTO, which allows use of the full output swing. The attainable
signal bandwidth with this photodiode preamplifier is a function
of RF, the gain bandwidth product (fGBP) of the amplifier, and
the total capacitance at the amplifier summing junction, including
CS and the amplifier input capacitance, CD and CM. RF and the
total capacitance produce a pole with loop frequency (fP).
S
F
P
C
R
f
2
1
With the additional pole from the amplifier open-loop response,
the two-pole system results in peaking and instability due to an
insufficient phase margin (see Figure 94).
log f
log f
G = 1
G = R2C1s
OPEN-LOOP GAIN
–180°
–135°
–90°
–45°
0°
fP
fX
fGBP
Figure 94. Gain and Phase Plot of the Transimpedance Amplifier Design,
Without Compensation
OPEN-LOOP GAIN
f
fp
G = 1
f
fGBP
G = 1 + CS/CF
fZ
fX
fN
I TO V GAIN
–135°
–90°
–45°
0°
45°
90°
G = RFCS(s)
Figure 95. Gain and Phase Plot of the Transimpedance Amplifier Design with
Compensation
Adding CF creates a zero in the loop transmission that compensates
for the effect of the input pole, which stabilizes the photodiode
preamplifier design because of the increased phase margin. Adding
CF also sets the signal bandwidth (see Figure 95). The signal
bandwidth and the zero frequency are determined by
F
F
Z
C
R
f
π
2
1
where fZ is the zero frequency.
Setting the zero at the fX frequency maximizes the signal bandwidth
with a 45° phase margin. Because fX is the geometric mean of fP
and fGBP, it can be calculated by
GBP
P
X
f
f
f
Combining these equations, the CF value that produces fX is
GBP
F
S
F
f
R
C
C
2
The frequency response in this case shows about 2 dB of peaking
and 15% overshoot. Doubling CF and halving the bandwidth results
in a flat frequency response with about 5% transient overshoot.
The dominant sources of output noise in the wideband photodiode
preamp design are the input voltage noise of the amplifier, VNOISE,
and the resistor noise due to RF. The gray curve in Figure 95 shows
the noise gain over frequencies for the photodiode preamp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com