Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4622-1BRZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADA4622-1BRZ-R7
Description  30 V, 8 MHz, Low Bias Current, Single-Supply, RRO, Precision Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4622-1BRZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADA4622-1BRZ-R7 Datasheet HTML 8Page - Analog Devices ADA4622-1BRZ-R7 Datasheet HTML 9Page - Analog Devices ADA4622-1BRZ-R7 Datasheet HTML 10Page - Analog Devices ADA4622-1BRZ-R7 Datasheet HTML 11Page - Analog Devices ADA4622-1BRZ-R7 Datasheet HTML 12Page - Analog Devices ADA4622-1BRZ-R7 Datasheet HTML 13Page - Analog Devices ADA4622-1BRZ-R7 Datasheet HTML 14Page - Analog Devices ADA4622-1BRZ-R7 Datasheet HTML 15Page - Analog Devices ADA4622-1BRZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
ADA4622-1/ADA4622-2
Data Sheet
Rev. B | Page 12 of 34
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, unless otherwise noted.
VOS (mV)
VCM = 0V
VOUT = 0V
VSY = ±15V
Figure 8. Input Offset Voltage (VOS) Distribution, VSY = ±15 V
VOS (mV)
VCM = 0V
VOUT = 0V
VSY = ±5V
Figure 9. Input Offset Voltage (VOS) Distribution, VSY = ±5 V
VOS (mV)
VCM = 0V
VOUT = 2.5V
VSY = 5V
Figure 10. Input Offset Voltage (VOS) Distribution, VSY = 5 V
–10.0
–7.5
–5.0
–2.5
0
2.5
5.0
7.5
10.0
TCVOS (µV/°C)
VSY = ±15V
Figure 11. Input Offset Voltage Drift (TCVOS) Distribution (−40°C to +85°C),
VSY = ±15 V
–10.0
–7.5
–5.0
–2.5
0
2.5
5.0
7.5
10.0
TCVOS (µV/°C)
VSY = ±5V
Figure 12. Input Offset Voltage Drift (TCVOS) Distribution (−40°C to +125°C),
VSY = ±5 V
–10.0
–7.5
–5.0
–2.5
0
2.5
5.0
7.5
10.0
TCVOS (µV/°C)
VSY = 5V
Figure 13. Input Offset Voltage Drift (TCVOS) Distribution (−40°C to +125°C),
VSY = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com