Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4622-1BRZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADA4622-1BRZ-R7
Description  30 V, 8 MHz, Low Bias Current, Single-Supply, RRO, Precision Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4622-1BRZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADA4622-1BRZ-R7 Datasheet HTML 1Page - Analog Devices ADA4622-1BRZ-R7 Datasheet HTML 2Page - Analog Devices ADA4622-1BRZ-R7 Datasheet HTML 3Page - Analog Devices ADA4622-1BRZ-R7 Datasheet HTML 4Page - Analog Devices ADA4622-1BRZ-R7 Datasheet HTML 5Page - Analog Devices ADA4622-1BRZ-R7 Datasheet HTML 6Page - Analog Devices ADA4622-1BRZ-R7 Datasheet HTML 7Page - Analog Devices ADA4622-1BRZ-R7 Datasheet HTML 8Page - Analog Devices ADA4622-1BRZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
Data Sheet
ADA4622-1/ADA4622-2
Rev. B | Page 3 of 34
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS, VSY = ±15 V
Supply voltage (VSY) = ±15 V, common-mode voltage (VCM) = output voltage (VOUT) = 0 V, TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
A Grade
+0.04
±0.8
mV
−40°C < TA < +125°C
±2
mV
B Grade
+0.04
±0.35
mV
ADA4622-1
−40°C < TA < +125°C
±1
mV
ADA4622-2
−40°C < TA < +125°C
±0.8
mV
Offset Voltage Match
±1
mV
Offset Voltage Drift
ΔVOS/ΔT
A Grade
−40°C < TA < +125°C
±2
±15
µV/°C
B Grade
−40°C < TA < +125°C
±2
±5
µV/°C
Input Bias Current
IB
+2
±10
pA
−40°C < TA < +125°C
±1.5
nA
VCM = −15 V
−15
pA
Input Offset Current
IOS
±10
pA
−40°C < TA < +125°C
±0.5
nA
Input Voltage Range
IVR
−15.2
+14
V
Common-Mode Rejection Ratio
CMRR
A Grade
VCM = −15 V to +12 V
84
100
dB
−40°C < TA < +125°C
81
dB
B Grade
VCM = −15 V to +12 V
87
100
dB
−40°C < TA < +125°C
85
dB
Large Signal Voltage Gain
AVO
RL = 10 kΩ, VOUT = −14.5 V to +14.5 V
117
122
dB
−40°C < TA < +125°C
109
dB
RL = 1 kΩ, VOUT = −14 V to +14 V
102
110
dB
−40°C < TA < +125°C
93
dB
Input Capacitance
CINDM
Differential mode
0.4
pF
CINCM
Common mode
3.6
pF
Input Resistance
RDIFF
Differential mode
1013
RCM
Common mode
1013
OUTPUT CHARACTERISTICS
Output Voltage
High
VOH
ISOURCE = 1 mA
14.95
14.97
V
−40°C < TA < +125°C
14.9
V
ISOURCE = 15 mA
14.3
14.5
V
−40°C < TA < +125°C
14.1
V
Low
VOL
ISINK = 1 mA
−14.955
−14.935
V
−40°C < TA < +125°C
−14.88
V
ISINK = 15 mA
−14.685
−14.55
V
−40°C < TA < +125°C
−14.25
V
Output Current
IOUT
VDROPOUT < 1 V
20
mA
Short-Circuit Current
ISC
Sourcing
42
mA
Sinking
−51
mA
Closed-Loop Output Impedance
ZOUT
f = 1 kHz, gain (AV) = 1
0.1
AV = 10
0.4
AV = 100
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com