Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1310 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1310
Description  1.5A Boost DC/DC Converter with Phase-Locked Loop
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1310 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1310 Datasheet HTML 2Page - Linear Technology LT1310 Datasheet HTML 3Page - Linear Technology LT1310 Datasheet HTML 4Page - Linear Technology LT1310 Datasheet HTML 5Page - Linear Technology LT1310 Datasheet HTML 6Page - Linear Technology LT1310 Datasheet HTML 7Page - Linear Technology LT1310 Datasheet HTML 8Page - Linear Technology LT1310 Datasheet HTML 9Page - Linear Technology LT1310 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT1310
1310f
Σ
1
FB
2
SHDN
SHUTDOWN
5
GND
VC
A1
1.255V
REF
RAMP
GEN.
EXPOSED
PAD
PHASE
DETECTOR
VCO
–
+
+
+
R
S
Q
Q
10
CT
9
PLL-LPF
SYNC
3
4
SW
0.024
Ω
1310 BD
6, 7
×5
A2
To understand operation, refer to the Block Diagram. The
LT1310 contains a boost switching regulator that can be
phase locked to an external synchronizing signal. The
boost regulator uses current mode control and contains a
1.5A NPN power transistor. This type of control uses two
feedback loops. The main control loop sets output voltage
and operates as follows: a load step causes VOUT and the
FB voltage to be slightly perturbed. The error amplifier A1
responds to this change in FB by driving the VC pin either
higher or lower. Because switch current is proportional to
the VC pin voltage, this change causes the switch current
to be adjusted until VOUT is once again satisfied. Loop
compensation is taken care of by an RC network from the
VC pin to ground. Inside this main loop is another that sets
current limit on a cycle-by-cycle basis. This loop utilizes
current comparator A2 to control peak current. The oscil-
lator issues a set pulse to the flip-flop at the beginning of
each cycle, turning the switch on. With the switch now in
the ON state, the SW pin is effectively connected to
ground. Current ramps up in the inductor linearly at a rate
of VIN/L. Switch current is set by the VC pin voltage and
when the voltage across RSENSE trips the current com-
parator, a reset pulse will be generated and the switch will
be turned off. Since the inductor is now loaded up with
current, the SW pin will fly high until it is clamped by the
catch diode, D1. Current will flow through the diode
decreasing at a rate of (VOUT – VIN)/L until the oscillator
issues a new set pulse, causing the cycle to repeat.
The LT1310 is phase lockable up to 4.5MHz, giving the
user precise control over switching frequency. The phase
detector compares the incoming sync signal to the internal
oscillator signal. If the switching frequency is lower than
the sync signal, or if the phase lags the sync signal, then
the phase detector output will source current into the
PLL-LPF pin, driving it higher. The PLL-LPF pin is also the
input to the voltage controlled oscillator. If the sync signal
is slower than the switching frequency, the PLL-LPF pin
will sink current until the PLL-LPF pin voltage drops. When
locked, the PLL-LPF pin rests at a voltage between 0V and
1.5V. The PLL-LPF pin is capable of sinking or sourcing
approximately 140
µA.
BLOCK DIAGRA
OPERATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com