Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1310 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1310
Description  1.5A Boost DC/DC Converter with Phase-Locked Loop
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1310 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1310 Datasheet HTML 3Page - Linear Technology LT1310 Datasheet HTML 4Page - Linear Technology LT1310 Datasheet HTML 5Page - Linear Technology LT1310 Datasheet HTML 6Page - Linear Technology LT1310 Datasheet HTML 7Page - Linear Technology LT1310 Datasheet HTML 8Page - Linear Technology LT1310 Datasheet HTML 9Page - Linear Technology LT1310 Datasheet HTML 10Page - Linear Technology LT1310 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LT1310
1310f
CT Selection for Operating Frequency
To synchronize to an external input signal, the timing
capacitor and PLL filter components must be chosen
properly. This is a simple process and can be done using
the graph in Figure 2a.
In Figure 2a, operating frequency is plotted versus timing
capacitor (CT) with the upper and lower lines correspond-
ing to the minimum and maximum lock frequency given a
specific CT value. To choose the right timing capacitor,
find the intersection of the desired operating frequency
and the dashed line. Then move to the corresponding CT
value.
Alternately, use the following equations as a starting point:
for fLOCK ≥ 2MHz:
C
f
T
LOCK
=


075
250 10
40 10
6
12
.
•
–•
–
–
for fLOCK ≤ 2MHz:
C
f
T
LOCK
=


075
310 10
60 10
6
12
.
•
–•
–
–
Figure 2a. CT vs Operating Frequency
Because the lock range for the PLL is nearly 2:1, the
nearest standard value NP0 capacitor can be used. For
the application shown in Figure 1, a 1.6MHz switching
frequency corresponds to an 100pF timing capacitor.
Since the switching frequency affects inductor ripple
current, the inductor must also be scaled. Table 1 shows
recommended component values for various switching
frequencies.
Table 1. Recommended Component Values for Various Switching
Frequencies (RLP = 3.01k)
SWITCHING
FREQUENCY
CT
CC
CLP
RC
L1
600kHz
330pF
1500pF
2700pF
10k
10
µH
1MHz
180pF
1000pF
2200pF
10k
6.2
µH
1.6MHz
100pF
820pF
1500pF
15k
5.6
µH
2MHz
68pF
820pF
1500pF
15k
4.7
µH
2.5MHz
47pF
330pF
1500pF
20k
3.3
µH
3MHz
33pF
330pF
1000pF
20k
2.7
µH
FREQUENCY (Hz)
10M
1310 F02a
10k
100k
10
100k
1M
1k
100
10k
MINIMUM
LOCK
FREQUECY
MAXIMUM
LOCK
FREQUECY
OPERATIO
VIN
SHDN
SHUTDOWN
SYNC IN
SYNC
PLL-LPF
RLP
VIN
5V
RC
178k
20.5k
CT
1310 F02a
C2
4.7
µF
CERAMIC
C1
4.7
µF
CERAMIC
VOUT
12V
CLP
CC
FB
CT
VC
SW
LT1310
L1
GND
Figure 2b. Circuit Used for CT Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com