Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS2DH12TR Datasheet(PDF) 10 Page - STMicroelectronics

Part # LIS2DH12TR
Description  Free-fall detection
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DH12TR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LIS2DH12TR Datasheet HTML 6Page - STMicroelectronics LIS2DH12TR Datasheet HTML 7Page - STMicroelectronics LIS2DH12TR Datasheet HTML 8Page - STMicroelectronics LIS2DH12TR Datasheet HTML 9Page - STMicroelectronics LIS2DH12TR Datasheet HTML 10Page - STMicroelectronics LIS2DH12TR Datasheet HTML 11Page - STMicroelectronics LIS2DH12TR Datasheet HTML 12Page - STMicroelectronics LIS2DH12TR Datasheet HTML 13Page - STMicroelectronics LIS2DH12TR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
Mechanical and electrical specifications
LIS2DH12
10/53
DocID025056 Rev 6
2
Mechanical and electrical specifications
2.1
Mechanical characteristics
@ Vdd = 2.5 V, T = 25 °C unless otherwise noted(a)
a. The product is factory calibrated at 2.5 V. The operational power supply range is from 1.71 V to 3.6 V.
Table 4. Mechanical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.(1)
Max.
Unit
FS
Measurement range(2)
FS bit set to 00
±2.0
g
FS bit set to 01
±4.0
FS bit set to 10
±8.0
FS bit set to 11
±16.0
So
Sensitivity
FS bit set to 00;
High-resolution mode
1
mg/digit
FS bit set to 00;
Normal mode
4
FS bit set to 00;
Low-power mode
16
FS bit set to 01;
High-resolution mode
2
mg/digit
FS bit set to 01;
Normal mode
8
FS bit set to 01;
Low-power mode
32
FS bit set to 10;
High-resolution mode
4
mg/digit
FS bit set to 10;
Normal mode
16
FS bit set to 10;
Low-power mode
64
FS bit set to 11;
High-resolution mode
12
mg/digit
FS bit set to 11;
Normal mode
48
FS bit set to 11;
Low-power mode
192
TCSo
Sensitivity change vs.
temperature
FS bit set to 00
±0.01
%/°C
TyOff
Typical zero-g level
offset accuracy(3)
FS bit set to 00
±40
mg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com