Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS2DH12TR Datasheet(PDF) 31 Page - STMicroelectronics

Part # LIS2DH12TR
Description  Free-fall detection
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DH12TR Datasheet(HTML) 31 Page - STMicroelectronics

Back Button LIS2DH12TR Datasheet HTML 27Page - STMicroelectronics LIS2DH12TR Datasheet HTML 28Page - STMicroelectronics LIS2DH12TR Datasheet HTML 29Page - STMicroelectronics LIS2DH12TR Datasheet HTML 30Page - STMicroelectronics LIS2DH12TR Datasheet HTML 31Page - STMicroelectronics LIS2DH12TR Datasheet HTML 32Page - STMicroelectronics LIS2DH12TR Datasheet HTML 33Page - STMicroelectronics LIS2DH12TR Datasheet HTML 34Page - STMicroelectronics LIS2DH12TR Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 53 page
background image
DocID025056 Rev 6
31/53
LIS2DH12
Register mapping
53
7
Register mapping
The table given below provides a list of the 8-bit registers embedded in the device and the
corresponding addresses.
Table 21. Register address map
Name
Type
Register address
Default
Comment
Hex
Binary
Reserved
-
00 - 06
Reserved
STATUS_REG_AUX
r
07
000 0111
Output
Reserved
-
08-0B
Reserved
OUT_TEMP_L
r
0C
000 1100
Output
OUT_TEMP_H
r
0D
000 1101
Output
Reserved
-
0E
000 1110
Reserved
WHO_AM_I
r
0F
000 1111
00110011 Dummy register
Reserved
-
10 - 1D
Reserved
CTRL_REG0
rw
1E
001 1110
00010000
TEMP_CFG_REG
rw
1F
001 1111
00000000
CTRL_REG1
rw
20
010 0000
00000111
CTRL_REG2
rw
21
010 0001
00000000
CTRL_REG3
rw
22
010 0010
00000000
CTRL_REG4
rw
23
010 0011
00000000
CTRL_REG5
rw
24
010 0100
00000000
CTRL_REG6
rw
25
010 0101
00000000
REFERENCE
rw
26
010 0110
00000000
STATUS_REG
r
27
010 0111
Output
OUT_X_L
r
28
010 1000
Output
OUT_X_H
r
29
010 1001
Output
OUT_Y_L
r
2A
010 1010
Output
OUT_Y_H
r
2B
010 1011
Output
OUT_Z_L
r
2C
010 1100
Output
OUT_Z_H
r
2D
010 1101
Output
FIFO_CTRL_REG
rw
2E
010 1110
00000000
FIFO_SRC_REG
r
2F
010 1111
Output
INT1_CFG
rw
30
011 0000
00000000
INT1_SRC
r
31
011 0001
Output
INT1_THS
rw
32
011 0010
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com