Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS2DH12TR Datasheet(PDF) 11 Page - STMicroelectronics

Part # LIS2DH12TR
Description  Free-fall detection
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DH12TR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LIS2DH12TR Datasheet HTML 7Page - STMicroelectronics LIS2DH12TR Datasheet HTML 8Page - STMicroelectronics LIS2DH12TR Datasheet HTML 9Page - STMicroelectronics LIS2DH12TR Datasheet HTML 10Page - STMicroelectronics LIS2DH12TR Datasheet HTML 11Page - STMicroelectronics LIS2DH12TR Datasheet HTML 12Page - STMicroelectronics LIS2DH12TR Datasheet HTML 13Page - STMicroelectronics LIS2DH12TR Datasheet HTML 14Page - STMicroelectronics LIS2DH12TR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
DocID025056 Rev 6
11/53
LIS2DH12
Mechanical and electrical specifications
53
2.2
Temperature sensor characteristics
@ Vdd = 2.5 V, T = 25 °C unless otherwise noted(b)
TCOff
Zero-g level change
vs. temperature
Max delta from 25 °C
±0.5
mg/°C
An
Acceleration noise
density
FS bit set to 00, High-Resolution
mode (Table 10), ODR > 1300 Hz
220
μg/√Hz
Vst
Self-test
output change(4) (5) (6)
FS bit set to 00
X-axis; Normal mode
17
360
LSb
FS bit set to 00
Y-axis; Normal mode
17
360
LSb
FS bit set to 00
Z-axis; Normal mode
17
360
LSb
Top
Operating
temperature range
-40
+85
°C
1. Typical specifications are not guaranteed.
2. Verified by wafer level test and measurement of initial offset and sensitivity.
3. Typical zero-g level offset value after factory calibration test at socket level.
4. The sign of “Self-test output change” is defined by the ST bits in CTRL_REG4 (23h), for all axes.
5. “Self-test output change” is defined as the absolute value of:
OUTPUT[LSb](Self test enabled) - OUTPUT[LSb](Self test disabled). 1LSb = 4 mg at 10-bit representation, ±2 g full scale
6. After enabling the self-test, correct data is obtained after two samples (low-power mode / normal mode) or after eight
samples (high-resolution mode).
Table 4. Mechanical characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.(1)
Max.
Unit
b. The product is factory calibrated at 2.5 V. Temperature sensor operation is guaranteed in the range 2 V - 3.6 V.
Table 5. Temperature sensor characteristics
Symbol
Parameter
Min.
Typ.(1)
Max.
Unit
TSDr
Temperature sensor output change vs. temperature
1
digit/°C(2)
TODR
Temperature refresh rate
ODR(3)
Hz
Top
Operating temperature range
-40
+85
°C
1. Typical specifications are not guaranteed.
2. 8-bit resolution.
3. Refer to Table 31.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com