Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS2HH12 Datasheet(PDF) 31 Page - STMicroelectronics

Part # LIS2HH12
Description  Embedded temperature sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2HH12 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button LIS2HH12 Datasheet HTML 27Page - STMicroelectronics LIS2HH12 Datasheet HTML 28Page - STMicroelectronics LIS2HH12 Datasheet HTML 29Page - STMicroelectronics LIS2HH12 Datasheet HTML 30Page - STMicroelectronics LIS2HH12 Datasheet HTML 31Page - STMicroelectronics LIS2HH12 Datasheet HTML 32Page - STMicroelectronics LIS2HH12 Datasheet HTML 33Page - STMicroelectronics LIS2HH12 Datasheet HTML 34Page - STMicroelectronics LIS2HH12 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 47 page
background image
DocID025344 Rev 5
31/47
LIS2HH12
Register description
47
8
Register description
8.1
TEMP_L (0Bh), TEMP_H (0Ch)
Temperature output register (r). The value is expressed in two’s complement.
8.2
WHO_AM_I (0Fh)
Who_AM_I register (r). This register is a read-only register. Its value is fixed at 41h.
8.3
ACT_THS (1Eh)
Activity threshold register (r/w). Its value is fixed at 0x00. Inactivity threshold.
8.4
ACT_DUR (1Fh)
Activity duration register (r/w). Its value is fixed at 0x00. Activity duration.
8.5
CTRL1 (20h)
Control register 1(r/w)
Table 22. Control register 1
Table 23. Control register 1 description
Table 19. WHO_AM_I register default values
01000001
Table 20. ACT_THS register default values
0(1)
1. This bit must be set to ‘0’ for the correct operation of the device.
THS6
THS5
THS4
THS3
THS2
THS1
THS0
Table 21. ACT_DUR register default values
DUR7
DUR6
DUR5
DUR4
DUR3
DUR2
DUR1
DUR0
HR
ODR2
ODR1
ODR0
BDU
ZEN
YEN
XEN
HR
High resolution bit. Default value: 0
0: normal mode, 1: high resolution (see
Table )
ODR [2:0]
Output data rate & power mode selection. Default value: 000 (see
Table )
BDU
Block data update. Default value: 0
0: continuous update; 1:output registers not updated until MSB and LSB read)
ZEN
Z-axis enable. Default value: 1 (0: Z-axis disabled; 1: Z-axis enabled)
YEN
Y-axis enable. Default value: 1 (0: Y-axis disabled; 1: Y-axis enabled)
XEN
X-axis enable. Default value: 1 (0: X-axis disabled; 1: X-axis enabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com