Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS2HH12 Datasheet(PDF) 36 Page - STMicroelectronics

Part # LIS2HH12
Description  Embedded temperature sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2HH12 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button LIS2HH12 Datasheet HTML 32Page - STMicroelectronics LIS2HH12 Datasheet HTML 33Page - STMicroelectronics LIS2HH12 Datasheet HTML 34Page - STMicroelectronics LIS2HH12 Datasheet HTML 35Page - STMicroelectronics LIS2HH12 Datasheet HTML 36Page - STMicroelectronics LIS2HH12 Datasheet HTML 37Page - STMicroelectronics LIS2HH12 Datasheet HTML 38Page - STMicroelectronics LIS2HH12 Datasheet HTML 39Page - STMicroelectronics LIS2HH12 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 47 page
background image
Register description
LIS2HH12
36/47
DocID025344 Rev 5
8.10
CTRL6 (25h)
Control register 6 (r/w)
Table 35. Control register 6
8.11
CTRL7 (26h)
Control Register 7 (r/w)
Table 37. Control register 7
BOOT
0(1)
1. This bit must be set to ‘0’ for the correct operation of the device.
INT2
_BOOT
INT2
_IG2
INT2
_IG1
INT2
_EMPTY
INT2
_FTH
INT2
_DRDY
Table 36. Control register 6 description
BOOT
Force reboot, cleared as soon as the reboot is finished. Active high.
Default value 0.
INT2_BOOT
BOOT interrupt on INT2. Default value: 0
(0: disable; 1: enable)
INT2_IG2
Interrupt generator 2 on INT2. Default value: 0
(0: disable; 1: enable)
INT2_IG1
Interrupt generator 1 on INT2. Default value: 0
(0: disable; 1: enable)
INT2_EMPTY
FIFO empty flag on INT2. Default value: 0
INT2_FTH
FIFO threshold signal on INT2. Default value: 0
INT2_DRDY
Data Ready signal on INT2. Default value: 0
0(1)
1. This bit must be set to ‘0’ for the correct operation of the device.
0(1)
DCRM2
DCRM1
LIR2
LIR1
4D_IG2
4D_IG1
Table 38. Control register 7 description
DCRM [2:1]
DCRM is used to select the reset mode of the duration counter. Default value: 0
If DCRM = ‘0’, the counter is reset when the interrupt is no longer active, else if
DCRM = ‘1’ the duration counter is decremented. 1LSB
LIR [2:1]
Latched Interrupt [2:1] Default value: 00
(0: interrupt request not latched; 1: interrupt request latched)
Cleared by reading the IG_SRC1 (31h) and IG_SRC2 (37h) registers.
4D_IG [2:1]
Interrupt [2:1] 4D option enabled. Default value: 00
When set, IG_CFG1 (30h) and IG_CFG2 (36h) use 4D for position recognition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com