Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI2161-EVAL1 Datasheet(PDF) 1 Page - Vicor Corporation

Part # PI2161-EVAL1
Description  PI2161-EVAL1 60V/12A High Side High Voltage Load Disconnect Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2161-EVAL1 Datasheet(HTML) 1 Page - Vicor Corporation

  PI2161-EVAL1 Datasheet HTML 1Page - Vicor Corporation PI2161-EVAL1 Datasheet HTML 2Page - Vicor Corporation PI2161-EVAL1 Datasheet HTML 3Page - Vicor Corporation PI2161-EVAL1 Datasheet HTML 4Page - Vicor Corporation PI2161-EVAL1 Datasheet HTML 5Page - Vicor Corporation PI2161-EVAL1 Datasheet HTML 6Page - Vicor Corporation PI2161-EVAL1 Datasheet HTML 7Page - Vicor Corporation PI2161-EVAL1 Datasheet HTML 8Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Picor Corporation • picorpower.com
PI2161-EVAL1 User Guide Rev. 1.0
Page 1 of 8
PI2161-EVAL1 60V/12A High Side High Voltage Load Disconnect Switch
Evaluation Board User Guide
Content
Page
Introduction ........................................................... 1
Product Description................................................ 2
Schematic. .............................................................. 2
Bill of Materials ...................................................... 3
Test Procedure: ...................................................... 4
Recommended Material......................................... 4
PCB layout .............................................................. 7
Mechanical drawing. .............................................. 7
The PI2161-EVAL1 Evaluation Board is intended to
acquaint the user with the benefits and features of the
PI2161 full function Load Disconnect
Switch solution. It is not designed to be installed in end-
use equipment.
Please read this document before setting up the
PI2161-EVAL1 Evaluation Board and refer to the
PI2161 product datasheet for device specifications,
functional description and characteristics.
During operation, the power devices and surrounding
structures can be operated safely at high temperatures.
Remove power and use caution when connecting
and disconnecting test probes and interface lines to
avoid inadvertent short circuits and contact with hot
surfaces.
When testing electronic products always use
approved safety glasses. Follow good laboratory
practice and procedures.
Introduction
The PI2161-EVAL1 allows the user to test the basic
principles and operational characteristics of a Load Switch
function, while also experiencing the benefits and value of
the PI2161 solution. The PI2161-EVAL1 evaluation board is
configured to be installed between the input power source
and the load. PI2161 is capable of up to 12A, and is
suitable for a bus voltage up to 48V.
The PI2161-EVAL1 evaluation board is designed with an
optimized PCB layout and component placement to
represent a realistic high density final design for an
embedded Load Switch solution for 48V BUS applications
requiring up to 12A. This evaluation board is intended as
an easy and simple way to test the electrical and thermal
performance of the PI2161 Full-Function Load Switch
solution.
Both dynamic and steady state testing of the PI2161 can be
completed on the PI2161-EVAL1 evaluation board, in
addition to using the key features of the product. Dynamic
testing can be completed under a variety of system level
fault conditions to check for response time to faults.
This document provides basic instructions for initial start-
up and configuration of the evaluation board. Further
information on the functionality of the PI2161 can be
found in the PI2161 product datasheet.
PI2161-EVAL1
 Series
Series
PI2161-EVAL1 Evaluation Board featuring
the Cool-Switch PI2161 Full-Function Load
Disconnect Switch.


Similar Part No. - PI2161-EVAL1

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
PI216MC-DR AMI-PI216MC-DR Datasheet
625Kb / 9P
200DPI CIS Two Level Digital Output Module
More results

Similar Description - PI2161-EVAL1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BA4910FP ETC1-BA4910FP Datasheet
106Kb / 3P
High Voltage high side switch
logo
Vishay Siliconix
SIP4612A VISHAY-SIP4612A Datasheet
376Kb / 10P
Protected 1-A High-Side Load Switch
24-Apr-08
SIP4613A VISHAY-SIP4613A Datasheet
510Kb / 10P
Protected 1-A High-Side Load Switch
06-Oct-08
logo
Micrel Semiconductor
MIC94161 MICREL-MIC94161 Datasheet
742Kb / 12P
3A High-Side Load Switch
logo
Torex Semiconductor
XC8101 TOREX-XC8101_15 Datasheet
705Kb / 37P
High Side Load Switch
logo
Vicor Corporation
PI2061 VICOR-PI2061 Datasheet
1Mb / 16P
High Side High Voltage Load Disconnect Switch Controller IC
PI2126-EVAL1 VICOR-PI2126-EVAL1 Datasheet
916Kb / 8P
PI2126-EVAL1 30V/12A Full-Function High Side Active ORing
PI2127-EVAL1 VICOR-PI2127-EVAL1 Datasheet
1Mb / 9P
PI2127-EVAL1 60V/12A Full-Function High Side Active ORing
PI5101-EVAL1 VICOR-PI5101-EVAL1 Datasheet
1Mb / 12P
PI5101-EVAL1 3.3V/60A High Side Active ORing
PI2002-EVAL1 VICOR-PI2002-EVAL1 Datasheet
777Kb / 11P
PI2002-EVAL1 Active ORing With Load Disconnect
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com