Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI2161-EVAL1 Datasheet(PDF) 2 Page - Vicor Corporation

Part # PI2161-EVAL1
Description  PI2161-EVAL1 60V/12A High Side High Voltage Load Disconnect Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2161-EVAL1 Datasheet(HTML) 2 Page - Vicor Corporation

  PI2161-EVAL1 Datasheet HTML 1Page - Vicor Corporation PI2161-EVAL1 Datasheet HTML 2Page - Vicor Corporation PI2161-EVAL1 Datasheet HTML 3Page - Vicor Corporation PI2161-EVAL1 Datasheet HTML 4Page - Vicor Corporation PI2161-EVAL1 Datasheet HTML 5Page - Vicor Corporation PI2161-EVAL1 Datasheet HTML 6Page - Vicor Corporation PI2161-EVAL1 Datasheet HTML 7Page - Vicor Corporation PI2161-EVAL1 Datasheet HTML 8Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Picor Corporation • picorpower.com
PI2161-EVAL1 User Guide Rev. 1.0
Page 2 of 8
 PI2161 Product Description
The Cool-Switch
® PI2161 is a complete full-function Load
Disconnect
Switch
solution
for
medium
voltage
applications with a high-speed electronic circuit breaker
and a very low on-state resistance MOSFET.
It is
designed to protect an input power bus from output load
fault conditions.
The PI2161 Cool-Switch solution is
offered in an extremely small, thermally enhanced 7mm x
8mm LGA package. The PI2161 enables an extremely low
power loss solution with fast dynamic response to an
over current fault or
high conditions. The PI2161
senses a small portion of the total MOSFET current and
has a low voltage threshold allowing the use of low
power sense resistors.
Figure 1,
shows a photo of the PI2161-EVAL1 evaluation
board with one load disconnect switch PI2161 SiP. The
board is built with options and features that enable the
user to fully explore the capabilities of the PI2161 Load
Disconnect Switch.
Figure 1: PI2161-EVAL1 Evaluation Board (1.8” x 1.8”)
Terminals Absolute Maximum Rating
Vin+
60V/12Adc
Vout+
60V/12Adc
EN, VO
-0.3V to 17.3V / 10mA
Terminal
Description
Vin+
Power source Input: or bus input designed to accommodate up to 12A continuous current.
Vin-
Input Ground: Connect to the power source low side.
EN
Enable input: Inverse of
, set SW1 to Off position when EN input is used
Vout+
Output: Connect to the load high side.
VO
PI2161 Load Status pin: When the internal MOSFET gate is enabled
Vout-
Output Ground: Connect to the load low side.
Table 1: PI2161-EVAL1 Evaluation Board Terminals Description
Sc
Figure 2: PI2161-EVAL1 Evaluation Board schematic.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com