Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI2161-EVAL1 Datasheet(PDF) 3 Page - Vicor Corporation

Part # PI2161-EVAL1
Description  PI2161-EVAL1 60V/12A High Side High Voltage Load Disconnect Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2161-EVAL1 Datasheet(HTML) 3 Page - Vicor Corporation

  PI2161-EVAL1 Datasheet HTML 1Page - Vicor Corporation PI2161-EVAL1 Datasheet HTML 2Page - Vicor Corporation PI2161-EVAL1 Datasheet HTML 3Page - Vicor Corporation PI2161-EVAL1 Datasheet HTML 4Page - Vicor Corporation PI2161-EVAL1 Datasheet HTML 5Page - Vicor Corporation PI2161-EVAL1 Datasheet HTML 6Page - Vicor Corporation PI2161-EVAL1 Datasheet HTML 7Page - Vicor Corporation PI2161-EVAL1 Datasheet HTML 8Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Picor Corporation • picorpower.com
PI2161-EVAL1 User Guide Rev. 1.0
Page 3 of 8
Item
QTY
Ref.
Designator
Value/Part NO.
Description
Footprint
Manufacturer
1
1
C1
0.1μF
MLCC Capacitor, X7R, 0.1μF,50V
0805
2
2
C2, C3
1μF
MLCC Capacitor, X7R, 1μF,50V
1206
3
1
C4
22μF
ELEC Capacitor, 22μF,100V
4
2
EN, VO
1528
Turret Test point
TURRET - 1528
Keystone Electronics
5
4
Vin+, Vin-,
Vout+, Vout-
1502
Turret Test point
TURRET - 1502
Keystone Electronics
6
1
Q1
DTC114EUAT106
Transistor, Digital NPN,50V
SOT-323
Rohm Semiconductor
7
1
R1
120mΩ
Resistor, 0.12Ω,1%,0.25W
0805
8
R2
Not installed
Resistor
0805
9
1
R3
6.04kΩ
Resistor,6.04K,1%,0.25W
1206
10
1
R4
16.9kΩ
Resistor,16.9K,1%,0.1W
0603
11
1
R5
150kΩ
Resistor,150K,1%,0.1W
0603
12
1
SW1
Switch
SW SPDT SM
CAS-120
13
1
U1
PI2161-01-LGIZ
Picor Cool-Switch Controller IC
7mmx8mm 17-pin
LGA SiP
PICOR
Table 2: PI2161-EVAL1 Evaluation Board Bill of Materials
Ref. Designator
Value/Part NO.
Functional Description
C1
0.1μF
VC Bypass Capacitor
C2, C3
Not installed
Snubber to reduce high voltage noise after disconnect due to high current short.
Recommended value 1μF.
C4
22μF
Output Electrolytic Capacitor
Q1
DTC114EUAT106
PI2161 enable inverting polarity
R1
120mΩ
Current sense resistor
R2
Not installed
Optional high side bias resistor.
R3
6.04kΩ
Low side bias resistor (RPG)
R4
16.9kΩ
VO voltage divider. When the internal MOSFET gate is enabled
R5
150kΩ
pin pull-up resistor.
SW1
Switch
Output Enable/Disable switch
U1
PI2161-01-LGIZ
Full-Function Load Disconnect Switch Solution.
Table 3: Component functional description



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com