Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFE5804ZCF Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5804ZCF
Description  FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 12-Bit, 40MSPS, 101mW/Channel
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5804ZCF Datasheet(HTML) 27 Page - Texas Instruments

Back Button AFE5804ZCF Datasheet HTML 23Page - Texas Instruments AFE5804ZCF Datasheet HTML 24Page - Texas Instruments AFE5804ZCF Datasheet HTML 25Page - Texas Instruments AFE5804ZCF Datasheet HTML 26Page - Texas Instruments AFE5804ZCF Datasheet HTML 27Page - Texas Instruments AFE5804ZCF Datasheet HTML 28Page - Texas Instruments AFE5804ZCF Datasheet HTML 29Page - Texas Instruments AFE5804ZCF Datasheet HTML 30Page - Texas Instruments AFE5804ZCF Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 63 page
background image
1.0
0.5
0
-
-
0.5
1.0
SamplePoints
0
80
30
20
10
40
50
60
70
90 100 110 120
TGCModeI
V
=1V
PGA=20dB
V
=0.54V
IN
PP
CNTL
1.0
0.5
0
-
-
0.5
1.0
SamplePoints
0
80
30
20
10
40
50
60
70
90 100 110 120
TGCModeI
V
=0.5V
PGA=30dB
V
=1V
IN
PP
CNTL
1.0
0.5
0
-
-
0.5
1.0
Time( s)
m
0
10
5
TGCIMode
PGA=30dB
V
=0Vto1.2V,40MSPS
CNTL
15
V
CNTL
1.0
0.5
0
-
-
0.5
1.0
Time ( s)
m
0
20
10
TGC I Mode
PGA = 30dB
V
= 0.4V, 40MSPS
CNTL
30
5
15
25
PD
On = 25 s
Off = 15 s
m
m
68
67
66
65
64
63
62
61
60
59
58
57
56
V
(V)
CNTL
0
1.2
0.3
0.2
0.1
0.4
1.1
0.5
1.0
0.9
0.8
0.7
0.6
SNR
SNRD
TGCIMode
Input= 44.2dBm
Frequency=5MHz
-
PGA=30dB
PGA=20dB
9k
8k
7k
6k
5k
4k
3k
2k
1k
0
100M
100
80
60
40
20
0
-100
-80
-20
-40
-60
Frequency(Hz)
100k
1M
10M
Magnitude(Z )
IN
Phase
AFE5804
www.ti.com
SBOS442C
– JUNE 2008 – REVISED OCTOBER 2011
TYPICAL CHARACTERISTICS (continued)
AVDD_5V = 5.0V, AVDD1 = VDD2 = DVDD = 3.3V, LVDD = 1.8V, single-ended input into LNA, ac-coupled with 1.0
μF,
VCNTL = 1.0V, fIN 5MHz, Clock = 40MSPS, 50% duty cycle, internal reference mode, ISET = 56kΩ, LVDS buffer setting =
3.5mA, at ambient temperature TA = +25°C, unless otherwise noted.
LNA OVERLOAD
FULL-CHANNEL OVERLOAD
Figure 79.
Figure 80.
VCNTL RESPONSE TIME
PARTIAL POWER-DOWN/POWER-UP RESPONSE TIME
Figure 81.
Figure 82.
SNR AND SNRD vs VCNTL
MAGNITUDE AND PHASE vs FREQUENCY
Figure 83.
Figure 84.
Copyright
© 2008–2011, Texas Instruments Incorporated
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com