Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFE5804ZCF Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5804ZCF
Description  FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 12-Bit, 40MSPS, 101mW/Channel
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5804ZCF Datasheet(HTML) 46 Page - Texas Instruments

Back Button AFE5804ZCF Datasheet HTML 42Page - Texas Instruments AFE5804ZCF Datasheet HTML 43Page - Texas Instruments AFE5804ZCF Datasheet HTML 44Page - Texas Instruments AFE5804ZCF Datasheet HTML 45Page - Texas Instruments AFE5804ZCF Datasheet HTML 46Page - Texas Instruments AFE5804ZCF Datasheet HTML 47Page - Texas Instruments AFE5804ZCF Datasheet HTML 48Page - Texas Instruments AFE5804ZCF Datasheet HTML 49Page - Texas Instruments AFE5804ZCF Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 63 page
background image
t
1
t
2
t
3
High-Level RESET
(1.4Vto3.6V)
High-Level CS
(1.4Vto3.6V)
DeviceReadyfor
SerialRegisterWrite
DeviceReadyfor
DataConversion
StartofClock
AVDD1
AVDD2
DVDD
AVDD 5V
-
LVDD
ADS_RESET
CS
FCLK
t
4
t
7
t
8
t
6
t
5
(3.3V,5.0V)
(1.8V)
VCA_PD,ADC_PD
(2)
DeviceFully
PowersDown
DeviceFully
PowersUp
1 s
m
t
(1)
WAKE
AFE5804
SBOS442C
– JUNE 2008 – REVISED OCTOBER 2011
www.ti.com
RECOMMENDED POWER-UP SEQUENCING AND RESET TIMING
10
μs < t1 < 50ms, 10μs < t2 < 50ms, –10ms < t3 < 10ms, t4 > 10ms, t5 > 100ns, t6 > 100ns, t7 > 10ms, and t8 > 100μs.
(1) The AVDDx and LVDD power-on sequence does not matter as long as
–10ms < t3 < 10ms. Similar considerations apply while shutting
down the device.
POWER-DOWN TIMING
Power-up time shown is based on 1
μF bypass capacitors on the reference pins. tWAKE is the time it takes for the device to wake up
completely from power-down mode. The AFE5804 has two power-down modes: complete power-down mode and partial power-down mode.
(2) tWAKE ≤ 50μs for complete power-down mode. tWAKE ≤ 2μs for partial power-down mode (provided the clock is not shut off during
power-down).
(3) The ADS_PD pins can be configured for partial power-down mode through a register setting.
46
Copyright
© 2008–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com