Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ20Z45DBTR-R1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ20Z45DBTR-R1
Description  SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ20Z45DBTR-R1 Datasheet(HTML) 1 Page - Texas Instruments

  BQ20Z45DBTR-R1 Datasheet HTML 1Page - Texas Instruments BQ20Z45DBTR-R1 Datasheet HTML 2Page - Texas Instruments BQ20Z45DBTR-R1 Datasheet HTML 3Page - Texas Instruments BQ20Z45DBTR-R1 Datasheet HTML 4Page - Texas Instruments BQ20Z45DBTR-R1 Datasheet HTML 5Page - Texas Instruments BQ20Z45DBTR-R1 Datasheet HTML 6Page - Texas Instruments BQ20Z45DBTR-R1 Datasheet HTML 7Page - Texas Instruments BQ20Z45DBTR-R1 Datasheet HTML 8Page - Texas Instruments BQ20Z45DBTR-R1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
bq20z45-R1
www.ti.com
SLUS992 – DECEMBER 2009
SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track™
Check for Samples: bq20z45-R1
1
FEATURES
DESCRIPTION
2
•
Next Generation Patented Impedance Track™
Technology Accurately Measures Available
The bq20z45-R1 SBS-compliant gas gauge and
Charge in Li-Ion and Li-Polymer Batteries
protection IC is a single IC solution designed for
battery-pack
or
in-system
installation.
The
–
Better Than 1% Error Over the Lifetime of
bq20z45-R1 measures and maintains an accurate
the Battery
record of available charge in Li-ion or Li-polymer
•
Supports the Smart Battery Specification
batteries
using
its
integrated
high-performance
SBS V1.1
analog peripherals, monitors capacity change, battery
•
Flexible Configuration for 2 to 4 Series Li-Ion
impedance, open-circuit voltage, and other critical
parameters of the battery pack as well and reports
and Li-Polymer Cells
the information to the system host controller over a
•
Powerful 8-Bit RISC CPU With Ultralow Power
serial-communication
bus.
Together
with
the
Modes
integrated analog front-end (AFE) short-circuit and
•
Full Array of Programmable Protection
overload
protection,
the
bq20z45-R1
maximizes
Features
functionality and safety while minimizing external
component count, cost, and size in smart battery
–
Voltage, Current, and Temperature
circuits.
•
Satisfies JEITA Guidelines
The implemented Impedance Track™ gas gauging
•
Added Flexibility to Handle More Complex
technology
continuously
analyzes
the
battery
Charging Profiles
impedance,
resulting
in
superior
gas-gauging
•
Lifetime Data Logging
accuracy. This enables remaining capacity to be
•
Supports SHA-1 Authentication
calculated with discharge rate, temperature, and cell
aging all accounted for during each stage of every
•
Complete Battery Protection and Gas Gauge
cycle with high accuracy.
Solution in One Package
•
Available in a 38-Pin TSSOP (DBT) package
APPLICATIONS
•
Notebook PCs
•
Medical and Test Equipment
•
Portable Instrumentation
Table 1. AVAILABLE OPTIONS
PACKAGE(1)
TA
38-PIN TSSOP (DBT) Tube
38-PIN TSSOP (DBT) Tape and Reel
–40°C to 85°C
bq20z45-R1DBT(2)
bq20z45-R1DBTR(3)
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
A single tube quantity is 50 units.
(3)
A single reel quantity is 2000 units
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Impedance Track is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.
Not Recommended For New Designs


Similar Part No. - BQ20Z45DBTR-R1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z45DBTR-R1 TI-BQ20Z45DBTR-R1 Datasheet
248Kb / 18P
SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track?
More results

Similar Description - BQ20Z45DBTR-R1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z95 TI-BQ20Z95 Datasheet
530Kb / 20P
SBS 1.1-COMPLIANT GAS GAUGE and PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z75 TI-BQ20Z75_08 Datasheet
545Kb / 20P
SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION-ENABLED IC WITH IMPEDANCE TRACK
BQ20Z45 TI-BQ20Z45 Datasheet
488Kb / 20P
SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track?
BQ20Z45-R1 TI-BQ20Z45-R1 Datasheet
248Kb / 18P
SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track?
BQ20Z65-R1 TI-BQ20Z65-R1 Datasheet
355Kb / 23P
SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z655 TI1-BQ20Z655 Datasheet
323Kb / 23P
SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK
BQ20Z655-R1 TI1-BQ20Z655-R1 Datasheet
644Kb / 25P
SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z655-R1 TI-BQ20Z655-R1_13 Datasheet
863Kb / 25P
SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z70 TI1-BQ20Z70_15 Datasheet
788Kb / 17P
SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK?
BQ20Z80 TI1-BQ20Z80_14 Datasheet
1Mb / 25P
SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com