Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ20Z45DBTR-R1 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # BQ20Z45DBTR-R1
Description  SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ20Z45DBTR-R1 Datasheet(HTML) 12 Page - Texas Instruments

Back Button BQ20Z45DBTR-R1 Datasheet HTML 8Page - Texas Instruments BQ20Z45DBTR-R1 Datasheet HTML 9Page - Texas Instruments BQ20Z45DBTR-R1 Datasheet HTML 10Page - Texas Instruments BQ20Z45DBTR-R1 Datasheet HTML 11Page - Texas Instruments BQ20Z45DBTR-R1 Datasheet HTML 12Page - Texas Instruments BQ20Z45DBTR-R1 Datasheet HTML 13Page - Texas Instruments BQ20Z45DBTR-R1 Datasheet HTML 14Page - Texas Instruments BQ20Z45DBTR-R1 Datasheet HTML 15Page - Texas Instruments BQ20Z45DBTR-R1 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
bq20z45-R1
SLUS992 – DECEMBER 2009
www.ti.com
Lifetime Data Logging Features
The bq20z45-R1 offers lifetime data logging, where important measurements are stored for warranty and
analysis purposes. The data monitored include:
•
Lifetime maximum temperature
•
Lifetime minimum temperature
•
Lifetime maximum battery cell voltage
•
Lifetime minimum battery cell voltage
•
Lifetime maximum battery pack voltage
•
Lifetime minimum battery pack voltage
•
Lifetime maximum charge current
•
Lifetime maximum discharge current
•
Lifetime maximum charge power
•
Lifetime maximum discharge power
•
Lifetime maximum average discharge current
•
Lifetime maximum average discharge power
•
Lifetime average temperature
Authentication
The bq20z45-R1 supports authentication by the host using SHA-1.
Power Modes
The bq20z45-R1 supports 3 different power modes to reduce power consumption:
•
In Normal Mode, the bq20z45-R1 performs measurements, calculations, protection decisions and data
updates in 1 second intervals. Between these intervals, the bq20z45-R1 is in a reduced power stage.
•
In Sleep Mode, the bq20z45-R1 performs measurements, calculations, protection decisions and data update
in adjustable time intervals. Between these intervals, the bq20z45-R1 is in a reduced power stage. The
bq20z45-R1 has a wake function that enables exit from Sleep mode, when current flow or failure is detected.
•
In Shutdown Mode the bq20z45-R1 is completely disabled.
CONFIGURATION
Oscillator Function
The bq20z45-R1 fully integrates the system oscillators. Therefore the bq20z45-R1 requires no external
components for this feature.
System Present Operation
The bq20z45-R1 checks the PRES pin periodically (1s). If PRES input is pulled to ground by external system, the
bq20z45-R1 detects this as system present.
BATTERY PARAMETER MEASUREMENTS
The bq20z45-R1 uses an integrating delta-sigma analog-to-digital converter (ADC) for current measurement, and
a second delta-sigma ADC for individual cell and battery voltage, and temperature measurement.
Charge and Discharge Counting
The integrating delta-sigma ADC measures the charge/discharge flow of the battery by measuring the voltage
drop across a small-value sense resistor between the SR1 and SR2 pins. The integrating ADC measures bipolar
signals from -0.25 V to 0.25 V. The bq20z45-R1 detects charge activity when VSR = V(SRP)- V(SRN)is positive and
discharge activity when VSR = V(SRP) - V(SRN) is negative. The bq20z45-R1 continuously integrates the signal over
time, using an internal counter. The fundamental rate of the counter is 0.65 nVh.
12
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): bq20z45-R1
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com