Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ20Z45DBTR-R1 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # BQ20Z45DBTR-R1
Description  SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ20Z45DBTR-R1 Datasheet(HTML) 14 Page - Texas Instruments

Back Button BQ20Z45DBTR-R1 Datasheet HTML 10Page - Texas Instruments BQ20Z45DBTR-R1 Datasheet HTML 11Page - Texas Instruments BQ20Z45DBTR-R1 Datasheet HTML 12Page - Texas Instruments BQ20Z45DBTR-R1 Datasheet HTML 13Page - Texas Instruments BQ20Z45DBTR-R1 Datasheet HTML 14Page - Texas Instruments BQ20Z45DBTR-R1 Datasheet HTML 15Page - Texas Instruments BQ20Z45DBTR-R1 Datasheet HTML 16Page - Texas Instruments BQ20Z45DBTR-R1 Datasheet HTML 17Page - Texas Instruments BQ20Z45DBTR-R1 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
bq20z45-R1
SLUS992 – DECEMBER 2009
www.ti.com
COMMUNICATIONS
The bq20z45-R1 uses SMBus v1.1 with Master Mode and package error checking (PEC) options per the SBS
specification.
SMBus On and Off State
The bq20z45-R1 detects an SMBus off state when SMBC and SMBD are logic-low for
≥ 2 seconds. Clearing this
state requires either SMBC or SMBD to transition high. Within 1 ms, the communication bus is available.
SBS Commands
Table 2. SBS COMMANDS
SBS
Size in
Min
Max
Mode
Name
Default Value
Unit
Cmd
Format
Bytes
Value
Value
0x00
R/W
ManufacturerAccess
hex
2
0x0000
0xffff
—
—
0x01
R/W
RemainingCapacityAlarm
unsigned int
2
0
65535
300
mAh or 10mWh
0x02
R/W
RemainingTimeAlarm
unsigned int
2
0
65535
10
min
0x03
R/W
BatteryMode
hex
2
0x0000
0xe383
—
—
0x04
R/W
AtRate
signed int
2
–32768
32767
—
mA or 10mW
0x05
R
AtRateTimeToFull
unsigned int
2
0
65534
—
min
0x06
R
AtRateTimeToEmpty
unsigned int
2
0
65534
—
min
0x07
R
AtRateOK
unsigned int
2
0
65535
—
—
0x08
R
Temperature
unsigned int
2
0
65535
—
0.1°K
0x09
R
Voltage
unsigned int
2
0
65535
—
mV
0x0a
R
Current
signed int
2
–32768
32767
—
mA
0x0b
R
AverageCurrent
signed int
2
–32768
32767
—
mA
0x0c
R
MaxError
unsigned int
1
0
100
—
%
0x0d
R
RelativeStateOfCharge
unsigned int
1
0
100
—
%
0x0e
R
AbsoluteStateOfCharge
unsigned int
1
0
100+
—
%
0x0f
R/W
RemainingCapacity
unsigned int
2
0
65535
—
mAh or 10mWh
0x10
R
FullChargeCapacity
unsigned int
2
0
65535
—
mAh or 10mWh
0x11
R
RunTimeToEmpty
unsigned int
2
0
65534
—
min
0x12
R
AverageTimeToEmpty
unsigned int
2
0
65534
—
min
0x13
R
AverageTimeToFull
unsigned int
2
0
65534
—
min
0x14
R
ChargingCurrent
unsigned int
2
0
65534
—
mA
0x15
R
ChargingVoltage
unsigned int
2
0
65534
—
mV
0x16
R
BatteryStatus
unsigned int
2
0x0000
0xffff
—
—
0x17
R/W
CycleCount
unsigned int
2
0
65535
—
—
0x18
R/W
DesignCapacity
unsigned int
2
0
65535
4400
mAh or 10mWh
0x19
R/W
DesignVoltage
unsigned int
2
7000
16000
14400
mV
0x1a
R/W
SpecificationInfo
unsigned int
2
0x0000
0xffff
0x0031
—
0x1b
R/W
ManufactureDate
unsigned int
2
0
65535
01-Jan-1980
—
0x1c
R/W
SerialNumber
hex
2
0x0000
0xffff
0x0001
—
0x20
R/W
ManufacturerName
String
20+1
—
—
Texas Inst.
—
0x21
R/W
DeviceName
String
20+1
—
—
bq20z45-R1
—
0x22
R/W
DeviceChemistry
String
4+1
—
—
LION
—
0x23
R
ManufacturerData
String
14+1
—
—
—
—
0x2f
R/W
Authenticate
String
20+1
—
—
—
—
0x3c
R
CellVoltage4
unsigned int
2
0
65535
—
mV
0x3d
R
CellVoltage3
unsigned int
2
0
65535
—
mV
0x3e
R
CellVoltage2
unsigned int
2
0
65535
—
mV
0x3f
R
CellVoltage1
unsigned int
2
0
65535
—
mV
14
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): bq20z45-R1
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com