| Electronic Components Datasheet Search |
|
NSAM266SAA/V Datasheet(PDF) 29 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
NSAM266SAA/V Datasheet(HTML) 29 Page - National Semiconductor (TI) |
|
29 / 52 page ![]() 20 Software (Continued) 294 The IVS Tool The IVS tool includes two utilities The DOS-based IVS Compiler IVSTOOL for Windows A Windows 31 based utility The tools allow you to create vocabularies for the CompactSPEECH processor They take you all the way from designing the vocabulary structure through defining the vocabulary sentences and recording the vocabulary words The IVS The IVS compiler runs on MS-DOS (ver- Compiler sion 50 or later) It allows you to insert your own vocabulary ie basic words and data used to create numbers and sen- tences as directories and files in MS-DOS The IVS compiler then outputs a binary file containing that vocabulary This informa- tion can be burned into an EPROM or seri- al flash for use by the CompactSPEECH software Voice Each IVS vocabulary can be compiled us- Compression ing either 52 kbits or 73 kbits voice compression algorithm The user defines the compression rate before compilation The CompactSPEECH automatically se- lects the required voice decompression al- gorithm when the SV command is used to select the active vocabulary The Graphical The IVS package includes a Windows utili- User Interface ty that assists the vocabulary designer to (GUI) synthesize sentences With this utility you can both compose sentences and listen to them 295 How to Use the IVS Tool With the CompactSPEECH The IVS tool creates IVS vocabularies and stores them as a binary file This file is burnt into a ROM device or pro- grammed into a serial flash device using the INJ command The CompactSPEECH SV command is used to select the required vocabulary The SW SO SS and SAS commands are used to synthesize the required word or sentence The typical vocabulary-creation process is as follows 1 Design the vocabulary 2 Create the vocabulary files Use IVSTOOL for Windows 31 to simplify this process 3 Record the words using any standard PC sound card and sound editing software that can create wav files 4 Run the IVS compiler to compress the wav files and compile them and the vocabulary tables into an IVS vo- cabulary file 5 Repeat steps 1 to 4 to create a separate IVS vocabulary for each language that you want to use 6 Burn the IVS vocabulary files into a ROM (or serial flash) device Use the INJ (Inject IVS) command to program the data into a serial flash device 7 Once the vocabulary is in place the speech synthesis commands of the CompactSPEECH can be used to syn- thesize sentences Figure 2-4 shows the vocabulary-creation process for a sin- gle table on a ROM or serial flash device 210 INITIALIZATION Use the following procedures to initialize the Compact- SPEECH processor NORMAL INITIALIZATION 1 Reset the CompactSPEECH by activating the RESET sig- nal (See Section 131) 2 Issue a CFG (Configure CompactSPEECH) command to change the configuration according to your environment 3 Issue an INIT (Initialize System) command to initialize the CompactSPEECH firmware 4 Issue a series of TUNE commands to adjust the CompactSPEECH to the requirements of your system 211 MICROWIRE SERIAL INTERFACE MICROWIREPLUSTM is a synchronous serial communica- tion protocol originally implemented in National Semicon- ductor’s COPSTM microcontrollers and HPCTM families of microcontrollers to minimize the number of connections and thus the cost of communicating with peripherals TLEE12584 – 38 FIGURE 2-4 Creation of an IVS Vocabulary http www nationalcom 29 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |