| Electronic Components Datasheet Search |
|
NSAM266SAA/V Datasheet(PDF) 42 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
NSAM266SAA/V Datasheet(HTML) 42 Page - National Semiconductor (TI) |
|
42 / 52 page ![]() 20 Software (Continued) SV Set Vocabulary Type type id Selects the vocabulary table to be used for voice synthesis The vocabulary type is set according to the 1-byte type pa- rameter 0 For compatibility only 1 External vocabulary in ROM 2 External vocabulary in Serial Flash All others Reserved The host is responsible to select the current vocabulary with SV before using an SO SW SS or SAS command Each external vocabulary table has a unique id which is part of the vocabulary internal header (See the IVS User’s Manu- al for more details) If type is 1 or 2 the CompactSPEECH searches for the one byte id parameter in each vocabulary table header until a match is found If the id parameter does not point to a valid IVS vocabulary ERR PARAM is set in the error word Example SV 02 03 Byte sequence Microcontroller 20 02 03 CompactSPEECH 20 02 03 Description Select the vocabulary with vocabulary-id 3 which resides on Serial Flash as the current vocabulary SW Say Words n word1 wordn Plays n words indexed by word1 to wordn On completion the EV NORMAL END bit in the status word is set and the MWRQST signal goes low If one of the words is not defined in the current vocabulary or if it is an IVS control or option code ERR PARAM is set in the error word If the current vocabulary is undefined ERR INVALID is re- ported Example SW 02 00 00 Byte sequence Microcontroller 21 02 00 00 CompactSPEECH 21 02 00 00 Description Announce the first word in the word table of the currently selected vocabulary twice TUNE Tune index parameter value Sets the value of the tunable parameter identified by index (one byte) to the 2-byte value parameter value This com- mand may be used to tune the DSP algorithms to a specific Data Access Arrangement (DAA) interface or to change other parameters If you do not use TUNE the Compact- SPEECH uses default values If index does not point to a valid tunable parameter ERR PARAM is set in the error word Note The tunable parameters are assigned with their default values on ap- plication of power The INIT command does not affect these parame- ters Table 2-2 describes the tunable parameters their index numbers and their default values http www nationalcom 42 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |