| Electronic Components Datasheet Search |
|
NSAM266SAA/V Datasheet(PDF) 36 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
NSAM266SAA/V Datasheet(HTML) 36 Page - National Semiconductor (TI) |
|
36 / 52 page ![]() 20 Software (Continued) GSW Get Status Word Returns the 2-byte status word THE STATUS WORD The CompactSPEECH processor has a 16-bit status word to indicate events that occur during normal operation The CompactSPEECH asserts the MWRQST signal (clears to 0) to indicate a change in the status word This signal remains active until the CompactSPEECH receives a GSW com- mand The status word is cleared during reset and by the GSW command 15 14 13 1211 10 9 8 7 6 5 4 30 The bits in the status word are used as follows EV DTMF DIGIT DTMF digit A value indicating a detected DTMF digit (See the description of DTMF code in the GT command) EV DTMF END 1 e Ended detection of a DTMF tone The detected digit is held in EV DTMF DIGIT EV NORMAL END 1 e Normal completion of operation eg end of message playback EV MEMFULL 1 e Memory is full EV ERROR 1 e Error detected in the last command You must issue the GEW command to return the error code and clear the error condition EV BUSY 1 e Busy tone detected Use this indicator for call progress and line disconnection EV DIALTONE 1 e Dial tone detected Use this indicator for call progress and line disconnection EV VOX 1 e a period of silence (no energy) was detected on the telephone line during recording (See VOX TIME COUNT in Table 2-2) EV RESET When the CompactSPEECH completes its power-upse- quence and enters the RESET state this bit is set to 1 and the MWRQST signal is activated (cleared to 0) Normally this bit changes to 0 after performing the INIT command If this bit is set during normal operation of the CompactSPEECH it indicates an internal CompactSPEECH error The microcontroIler can recover from such an error by re-initializing the system EV DTMF 1 e Started detection of a DTMF tone Example GSW Byte sequence Microcontroller 14 AA AA CompactSPEECH 14 00 40 Description Get the CompactSPEECH Status Word (typically sent after the MMRQST signal is asserted by the CompactSPEECH which indicates a change in the status word) The CompactSPEECH responds that the memory is full GT Generate Tone tone Generates the tone specified by the 1-byte tone parameter until an S command is received Specify the tone by setting the bits of tone as follows Bit 0 1 Bits 1 – 4 DTMF code Where the DTMF code is encoded as follows Value (Hex) DTMF Digit 0to9 0to9 AA B C DB EC FD http www nationalcom 36 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |