Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLD200N4F6AG Datasheet(PDF) 1 Page - STMicroelectronics

Part # STLD200N4F6AG
Description  Automotive N-channel 40 V, 1.27 mΩ typ., 120 A STripFET™F6 Power MOSFET in a PowerFLAT™5x6 dual side cooling
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLD200N4F6AG Datasheet(HTML) 1 Page - STMicroelectronics

  STLD200N4F6AG Datasheet HTML 1Page - STMicroelectronics STLD200N4F6AG Datasheet HTML 2Page - STMicroelectronics STLD200N4F6AG Datasheet HTML 3Page - STMicroelectronics STLD200N4F6AG Datasheet HTML 4Page - STMicroelectronics STLD200N4F6AG Datasheet HTML 5Page - STMicroelectronics STLD200N4F6AG Datasheet HTML 6Page - STMicroelectronics STLD200N4F6AG Datasheet HTML 7Page - STMicroelectronics STLD200N4F6AG Datasheet HTML 8Page - STMicroelectronics STLD200N4F6AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
January 2016
DocID028892 Rev 1
1/12
This is preliminary information on a new product now in development
or undergoing evaluation. Details are subject to change without notice.
www.st.com
STLD200N4F6AG
Automotive N-
channel 40 V, 1.27 mΩ typ., 120 A STripFET™ F6
Power MOSFET in a
PowerFLAT™ 5x6 dual side cooling
Datasheet - preliminary data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on) max.
ID
STLD200N4F6AG
40 V
1.5 mΩ
120 A
Designed for automotive applications
Very low on-resistance
Very low gate charge
High avalanche ruggedness
Low gate drive power loss
Applications
Switching applications
Description
This device is an N-channel Power MOSFET
developed using the STripFET™ F6 technology
with a new trench gate structure. The resulting
Power MOSFET exhibits very low RDS(on) in all
packages.
Table 1: Device summary
Order code
Marking
Package
Packaging
STLD200N4F6AG
200
PowerFLAT™ 5x6 dual side cooling
Tape and reel
D(5, 6, 7, 8)
G(4)
S(1, 2, 3)


Similar Part No. - STLD200N4F6AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLD20CP1 STMICROELECTRONICS-STLD20CP1 Datasheet
298Kb / 19P
Power management for white LED and camera flash
20-Nov-2007
STLD20CP1PQR STMICROELECTRONICS-STLD20CP1PQR Datasheet
298Kb / 19P
Power management for white LED and camera flash
20-Nov-2007
STLD20D STMICROELECTRONICS-STLD20D Datasheet
67Kb / 8P
WHITE LED POWER SUPPLY
12-Oct-2004
STLD20D STMICROELECTRONICS-STLD20D Datasheet
435Kb / 31P
White LED power supply
23-Oct-2006
STLD20D-C8 STMICROELECTRONICS-STLD20D-C8 Datasheet
67Kb / 8P
WHITE LED POWER SUPPLY
12-Oct-2004
More results

Similar Description - STLD200N4F6AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLD125N4F6AG STMICROELECTRONICS-STLD125N4F6AG Datasheet
632Kb / 12P
Automotive N-channel 40 V, 2.4 mΩ typ., 120 A STripFET™F6 Power MOSFET in a PowerFLAT™5x6 dual side cooling
16-Feb-2016
STL210N4F7AG STMICROELECTRONICS-STL210N4F7AG Datasheet
913Kb / 14P
Automotive-grade N-channel 40 V, 1.3 m typ., 120 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
07-Jan-2016
STL52DN4LF7AG STMICROELECTRONICS-STL52DN4LF7AG Datasheet
1,018Kb / 16P
Automotive-grade dual N-channel 40 V, 9 mΩ typ., 18 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 DI
18-Dec-2017
STL105DN4LF7AG STMICROELECTRONICS-STL105DN4LF7AG Datasheet
965Kb / 16P
Automotive-grade dual N-channel 40 V, 3.5 mΩ typ., 40 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 DI
10-Jan-2018
STL105N4LF7AG STMICROELECTRONICS-STL105N4LF7AG Datasheet
936Kb / 15P
Automotive-grade N-channel 40 V, 3.0 mΩ typ., 105 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
18-Jan-2018
STL200N45LF7 STMICROELECTRONICS-STL200N45LF7 Datasheet
892Kb / 14P
N-channel 45 V, 1.4 mΩ typ., 120 A STripFET ™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
10-Jun-2016
STL260N4F7 STMICROELECTRONICS-STL260N4F7 Datasheet
850Kb / 16P
N-channel 40 V, 0.9 mΩ typ., 120 A, STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
03-Apr-2019
STL285N4F7AG STMICROELECTRONICS-STL285N4F7AG Datasheet
942Kb / 15P
Automotive-grade N-channel 40 V, 0.9 mΩ typ., 120 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
09-Jun-2016
STL160N4F7 STMICROELECTRONICS-STL160N4F7 Datasheet
861Kb / 18P
N-channel 40 V, 2.1 mΩ typ., 120 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
20-Nov-2019
STLD110N10F7 STMICROELECTRONICS-STLD110N10F7 Datasheet
1Mb / 13P
N-channel 100 V, 5 mΩ typ., 107 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 dual side cooling package
26-Feb-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com