Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLD200N4F6AG Datasheet(PDF) 10 Page - STMicroelectronics

Part # STLD200N4F6AG
Description  Automotive N-channel 40 V, 1.27 mΩ typ., 120 A STripFET™F6 Power MOSFET in a PowerFLAT™5x6 dual side cooling
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLD200N4F6AG Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STLD200N4F6AG Datasheet HTML 4Page - STMicroelectronics STLD200N4F6AG Datasheet HTML 5Page - STMicroelectronics STLD200N4F6AG Datasheet HTML 6Page - STMicroelectronics STLD200N4F6AG Datasheet HTML 7Page - STMicroelectronics STLD200N4F6AG Datasheet HTML 8Page - STMicroelectronics STLD200N4F6AG Datasheet HTML 9Page - STMicroelectronics STLD200N4F6AG Datasheet HTML 10Page - STMicroelectronics STLD200N4F6AG Datasheet HTML 11Page - STMicroelectronics STLD200N4F6AG Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Package information
STLD200N4F6AG
10/12
DocID028892 Rev 1
Table 9: PowerFLAT™ 5x6 dual side cooling mechanical data
Dim.
mm
Min.
Typ.
Max.
A
0.66
0.71
0.76
A1
0.60
0.75
b
0.33
0.43
0.53
c
0.15
0.203
0.30
D
5.00 BSC
D1
4.06
4.21
4.36
D2
2.40 BSC
D3
2.80
3.30
3.80
E
6.00 BSC
E1
3.525
3.675
3.825
E2
1.05
1.20
1.35
E3
3.80 BSC
E4
4.20
4.70
5.20
e
1.27 BSC
I
0.15
L
0.15
0.25
0.35
L1
0.925
1.05
1.175
L2
0.45
0.575
0.70
ϑ
12° BSC
ϑ1
7° BSC
j
0.20 BSC
Figure 20
: PowerFLAT™ 5x6 dual side cooling recommended footprint (dimensions are in
mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com