Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLD200N4F6AG Datasheet(PDF) 4 Page - STMicroelectronics

Part # STLD200N4F6AG
Description  Automotive N-channel 40 V, 1.27 mΩ typ., 120 A STripFET™F6 Power MOSFET in a PowerFLAT™5x6 dual side cooling
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLD200N4F6AG Datasheet(HTML) 4 Page - STMicroelectronics

  STLD200N4F6AG Datasheet HTML 1Page - STMicroelectronics STLD200N4F6AG Datasheet HTML 2Page - STMicroelectronics STLD200N4F6AG Datasheet HTML 3Page - STMicroelectronics STLD200N4F6AG Datasheet HTML 4Page - STMicroelectronics STLD200N4F6AG Datasheet HTML 5Page - STMicroelectronics STLD200N4F6AG Datasheet HTML 6Page - STMicroelectronics STLD200N4F6AG Datasheet HTML 7Page - STMicroelectronics STLD200N4F6AG Datasheet HTML 8Page - STMicroelectronics STLD200N4F6AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Electrical characteristics
STLD200N4F6AG
4/12
DocID028892 Rev 1
2
Electrical characteristics
(TC= 25 °C unless otherwise specified)
Table 5: On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
VGS = 0 V, ID = 1 mA
40
V
IDSS
Zero gate voltage Drain
current
VGS = 0 V, VDS = 16 V
1
µA
VGS = 0 V, VDS = 16 V,
Tj = 125 °C
10
µA
IGSS
Gate-body leakage current
VDS = 0 V, VGS = ± 20 V
±100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 1 mA
2
4
V
RDS(on)
Static drain-source on-
resistance
VGS = 10 V, ID = 75 A
1.27
1.50
mΩ
VGS = 6.5 V, ID = 75 A
1.48
2.00
Table 6: Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS= 10 V, f = 1 MHz,
VGS = 0 V
-
10700
-
pF
Coss
Output capacitance
-
1530
-
pF
Crss
Reverse transfer
capacitance
-
1100
-
pF
Qg
Total gate charge
VDD = 32 V, ID = 90 A,
VGS = 10 V (see Figure 14:
"Test circuit for gate charge
behavior")
-
172
-
nC
Qgs
Gate-source charge
-
56
-
nC
Qgd
Gate-drain charge
-
48
-
nC
Table 7: Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = 20 V, ID = 90 A
RG = 30
Ω, VGS = 10 V (see
Figure 13: "Test circuit for
resistive load switching times")
-
150
-
ns
tr
Rise time
-
440
-
ns
td(off)
Turn-off-delay time
-
600
-
ns
tf
Fall time
-
410
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com