Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F303xC Datasheet(PDF) 78 Page - STMicroelectronics

Part # STM32F303xC
Description  ARM®-based Cortex®-M4 32b MCUFPU, up to 256KB Flash 48KB SRAM, 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303xC Datasheet(HTML) 78 Page - STMicroelectronics

Back Button STM32F303xC Datasheet HTML 74Page - STMicroelectronics STM32F303xC Datasheet HTML 75Page - STMicroelectronics STM32F303xC Datasheet HTML 76Page - STMicroelectronics STM32F303xC Datasheet HTML 77Page - STMicroelectronics STM32F303xC Datasheet HTML 78Page - STMicroelectronics STM32F303xC Datasheet HTML 79Page - STMicroelectronics STM32F303xC Datasheet HTML 80Page - STMicroelectronics STM32F303xC Datasheet HTML 81Page - STMicroelectronics STM32F303xC Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 148 page
background image
Electrical characteristics
STM32F303xB STM32F303xC
78/148
DocID023353 Rev 13
Low-speed external clock generated from a crystal/ceramic resonator
The low-speed external (LSE) clock can be supplied with a 32.768 kHz crystal/ceramic
resonator oscillator. All the information given in this paragraph are based on design
simulation results obtained with typical external components specified in Table 43. In the
application, the resonator and the load capacitors have to be placed as close as possible to
the oscillator pins in order to minimize output distortion and startup stabilization time. Refer
to the crystal resonator manufacturer for more details on the resonator characteristics
(frequency, package, accuracy).
Note:
For information on selecting the crystal, refer to the application note AN2867 “Oscillator
design guide for ST microcontrollers” available from the ST website www.st.com.
Table 43. LSE oscillator characteristics (fLSE = 32.768 kHz)
Symbol
Parameter
Conditions(1)
Min(2)
Typ
Max(2)
Unit
IDD
LSE current consumption
LSEDRV[1:0]=00
lower driving capability
-0.5
0.9
µA
LSEDRV[1:0]=10
medium low driving capability
--
1
LSEDRV[1:0]=01
medium high driving capability
--
1.3
LSEDRV[1:0]=11
higher driving capability
--
1.6
gm
Oscillator
transconductance
LSEDRV[1:0]=00
lower driving capability
5-
-
µA/V
LSEDRV[1:0]=10
medium low driving capability
8-
-
LSEDRV[1:0]=01
medium high driving capability
15
-
-
LSEDRV[1:0]=11
higher driving capability
25
-
-
tSU(LSE)(3) Startup time
VDD is stabilized
-
2
-
s
1. Refer to the note and caution paragraphs below the table, and to the application note AN2867 “Oscillator design guide for
ST microcontrollers”.
2. Guaranteed by design.
3.
tSU(LSE) is the startup time measured from the moment it is enabled (by software) to a stabilized 32.768 kHz oscillation is
reached. This value is measured for a standard crystal and it can vary significantly with the crystal manufacturer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com