Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F303xC Datasheet(PDF) 27 Page - STMicroelectronics

Part # STM32F303xC
Description  ARM®-based Cortex®-M4 32b MCUFPU, up to 256KB Flash 48KB SRAM, 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303xC Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STM32F303xC Datasheet HTML 23Page - STMicroelectronics STM32F303xC Datasheet HTML 24Page - STMicroelectronics STM32F303xC Datasheet HTML 25Page - STMicroelectronics STM32F303xC Datasheet HTML 26Page - STMicroelectronics STM32F303xC Datasheet HTML 27Page - STMicroelectronics STM32F303xC Datasheet HTML 28Page - STMicroelectronics STM32F303xC Datasheet HTML 29Page - STMicroelectronics STM32F303xC Datasheet HTML 30Page - STMicroelectronics STM32F303xC Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 148 page
background image
DocID023353 Rev 13
27/148
STM32F303xB STM32F303xC
Functional overview
54
3.22
Serial peripheral interface (SPI)/Inter-integrated sound
interfaces (I2S)
Up to three SPIs are able to communicate up to 18 Mbits/s in slave and master modes in
full-duplex and half-duplex communication modes. The 3-bit prescaler gives 8 master mode
frequencies and the frame size is configurable from 4 bits to 16 bits.
Two standard I2S interfaces (multiplexed with SPI2 and SPI3) supporting four different
audio standards can operate as master or slave at half-duplex and full duplex
communication modes. They can be configured to transfer 16 and 24 or 32 bits with 16-bit
or 32-bit data resolution and synchronized by a specific signal. Audio sampling frequency
from 8 kHz up to 192 kHz can be set by 8-bit programmable linear prescaler. When
operating in master mode it can output a clock for an external audio component at 256 times
the sampling frequency.
Refer to Table 9 for the features available in SPI1, SPI2 and SPI3.
3.23
Controller area network (CAN)
The CAN is compliant with specifications 2.0A and B (active) with a bit rate up to 1 Mbit/s. It
can receive and transmit standard frames with 11-bit identifiers as well as extended frames
with 29-bit identifiers. It has three transmit mailboxes, two receive FIFOs with 3 stages and
14 scalable filter banks.
3.24
Universal serial bus (USB)
The STM32F303xB/STM32F303xC devices embed an USB device peripheral compatible
with the USB full-speed 12 Mbs. The USB interface implements a full-speed (12 Mbit/s)
function interface. It has software-configurable endpoint setting and suspend/resume
support. The dedicated 48 MHz clock is generated from the internal main PLL (the clock
source must use a HSE crystal oscillator). The USB has a dedicated 512-bytes SRAM
memory for data transmission and reception.
Table 9. STM32F303xB/STM32F303xC SPI/I2S implementation
SPI features(1)
1. X = supported.
SPI1
SPI2
SPI3
Hardware CRC calculation
X
X
X
Rx/Tx FIFO
X
X
X
NSS pulse mode
X
X
X
I2S mode
-
X
X
TI mode
XXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com