Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F303xC Datasheet(PDF) 80 Page - STMicroelectronics

Part # STM32F303xC
Description  ARM®-based Cortex®-M4 32b MCUFPU, up to 256KB Flash 48KB SRAM, 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303xC Datasheet(HTML) 80 Page - STMicroelectronics

Back Button STM32F303xC Datasheet HTML 76Page - STMicroelectronics STM32F303xC Datasheet HTML 77Page - STMicroelectronics STM32F303xC Datasheet HTML 78Page - STMicroelectronics STM32F303xC Datasheet HTML 79Page - STMicroelectronics STM32F303xC Datasheet HTML 80Page - STMicroelectronics STM32F303xC Datasheet HTML 81Page - STMicroelectronics STM32F303xC Datasheet HTML 82Page - STMicroelectronics STM32F303xC Datasheet HTML 83Page - STMicroelectronics STM32F303xC Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 148 page
background image
Electrical characteristics
STM32F303xB STM32F303xC
80/148
DocID023353 Rev 13
Figure 18. HSI oscillator accuracy characterization results for soldered parts
Low-speed internal (LSI) RC oscillator
Table 45. LSI oscillator characteristics(1)
1. VDDA = 3.3 V, TA = –40 to 105 °C unless otherwise specified.
Symbol
Parameter
Min
Typ
Max
Unit
fLSI
Frequency
30
40
50
kHz
tsu(LSI)(2)
2. Guaranteed by design.
LSI oscillator startup time
-
-
85
µs
IDD(LSI)(2) LSI oscillator power consumption
-
0.75
1.2
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com