Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F303xC Datasheet(PDF) 118 Page - STMicroelectronics

Part # STM32F303xC
Description  ARM®-based Cortex®-M4 32b MCUFPU, up to 256KB Flash 48KB SRAM, 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303xC Datasheet(HTML) 118 Page - STMicroelectronics

Back Button STM32F303xC Datasheet HTML 114Page - STMicroelectronics STM32F303xC Datasheet HTML 115Page - STMicroelectronics STM32F303xC Datasheet HTML 116Page - STMicroelectronics STM32F303xC Datasheet HTML 117Page - STMicroelectronics STM32F303xC Datasheet HTML 118Page - STMicroelectronics STM32F303xC Datasheet HTML 119Page - STMicroelectronics STM32F303xC Datasheet HTML 120Page - STMicroelectronics STM32F303xC Datasheet HTML 121Page - STMicroelectronics STM32F303xC Datasheet HTML 122Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 148 page
background image
Electrical characteristics
STM32F303xB STM32F303xC
118/148
DocID023353 Rev 13
Figure 36. 12-bit buffered /non-buffered DAC
1. The DAC integrates an output buffer that can be used to reduce the output impedance and to drive external loads directly
without the use of an external operational amplifier. The buffer can be bypassed by configuring the BOFFx bit in the
DAC_CR register.
tWAKEUP(3)
Wakeup time from off state
(Setting the ENx bit in the
DAC Control register)
CLOAD
≤50 pF,
RLOAD
≥ 5 kΩ
-
6.5
10
µs
PSRR+ (1)
Power supply rejection ratio
(to VDDA) (static DC
measurement
CLOAD
= 50 pF,
No RLOAD
≥ 5 kΩ,
-–67
–40
dB
1. Guaranteed by design.
2. Quiescent mode refers to the state of the DAC a keeping steady value on the output, so no dynamic consumption is
involved.
3. Guaranteed by characterization results.
Table 75. DAC characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com