Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F411XC Datasheet(PDF) 66 Page - STMicroelectronics

Part # STM32F411XC
Description  ARM® Cortex®-M4 32b MCUFPU, 125 DMIPS, 512KB Flash, 128KB RAM, USB OTG FS, 11 TIMs, 1 ADC, 13 comm. interfaces
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F411XC Datasheet(HTML) 66 Page - STMicroelectronics

Back Button STM32F411XC Datasheet HTML 62Page - STMicroelectronics STM32F411XC Datasheet HTML 63Page - STMicroelectronics STM32F411XC Datasheet HTML 64Page - STMicroelectronics STM32F411XC Datasheet HTML 65Page - STMicroelectronics STM32F411XC Datasheet HTML 66Page - STMicroelectronics STM32F411XC Datasheet HTML 67Page - STMicroelectronics STM32F411XC Datasheet HTML 68Page - STMicroelectronics STM32F411XC Datasheet HTML 69Page - STMicroelectronics STM32F411XC Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 149 page
background image
Electrical characteristics
STM32F411xC STM32F411xE
66/149
DocID026289 Rev 6
6.3.5
Embedded reset and power control block characteristics
The parameters given in Table 19 are derived from tests performed under ambient
temperature and VDD supply voltage @ 3.3V.
Table 19. Embedded reset and power control block characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VPVD
Programmable voltage
detector level selection
PLS[2:0]=000 (rising edge)
2.09
2.14
2.19
V
PLS[2:0]=000 (falling edge)
1.98
2.04
2.08
PLS[2:0]=001 (rising edge)
2.23
2.30
2.37
PLS[2:0]=001 (falling edge)
2.13
2.19
2.25
PLS[2:0]=010 (rising edge)
2.39
2.45
2.51
PLS[2:0]=010 (falling edge)
2.29
2.35
2.39
PLS[2:0]=011 (rising edge)
2.54
2.60
2.65
PLS[2:0]=011 (falling edge)
2.44
2.51
2.56
PLS[2:0]=100 (rising edge)
2.70
2.76
2.82
PLS[2:0]=100 (falling edge)
2.59
2.66
2.71
PLS[2:0]=101 (rising edge)
2.86
2.93
2.99
PLS[2:0]=101 (falling edge)
2.77
2.82
2.89
PLS[2:0]=110 (rising edge)
2.96
3.03
3.10
PLS[2:0]=110 (falling edge)
2.85
2.93
2.99
PLS[2:0]=111 (rising edge)
3.07
3.14
3.21
PLS[2:0]=111 (falling edge)
2.95
3.03
3.09
VPVDhyst(2) PVD hysteresis
-
-
100
-
mV
VPOR/PDR
Power-on/power-down
reset threshold
Falling edge
1.60(1) 1.68
1.76
V
Rising edge
1.64
1.72
1.80
VPDRhyst(2) PDR hysteresis
-
-
40
-
mV
VBOR1
Brownout level 1
threshold
Falling edge
2.13
2.19
2.24
V
Rising edge
2.23
2.29
2.33
VBOR2
Brownout level 2
threshold
Falling edge
2.44
2.50
2.56
Rising edge
2.53
2.59
2.63
VBOR3
Brownout level 3
threshold
Falling edge
2.75
2.83
2.88
Rising edge
2.85
2.92
2.97
VBORhyst(2) BOR hysteresis
-
-
100
-
mV
TRSTTEMPO
(2)(3)
POR reset timing
-
0.5
1.5
3.0
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com