Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F411XC Datasheet(PDF) 79 Page - STMicroelectronics

Part # STM32F411XC
Description  ARM® Cortex®-M4 32b MCUFPU, 125 DMIPS, 512KB Flash, 128KB RAM, USB OTG FS, 11 TIMs, 1 ADC, 13 comm. interfaces
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F411XC Datasheet(HTML) 79 Page - STMicroelectronics

Back Button STM32F411XC Datasheet HTML 75Page - STMicroelectronics STM32F411XC Datasheet HTML 76Page - STMicroelectronics STM32F411XC Datasheet HTML 77Page - STMicroelectronics STM32F411XC Datasheet HTML 78Page - STMicroelectronics STM32F411XC Datasheet HTML 79Page - STMicroelectronics STM32F411XC Datasheet HTML 80Page - STMicroelectronics STM32F411XC Datasheet HTML 81Page - STMicroelectronics STM32F411XC Datasheet HTML 82Page - STMicroelectronics STM32F411XC Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 149 page
background image
DocID026289 Rev 6
79/149
STM32F411xC STM32F411xE
Electrical characteristics
123
On-chip peripheral current consumption
The MCU is placed under the following conditions:
•
At startup, all I/O pins are in analog input configuration.
•
All peripherals are disabled unless otherwise mentioned.
•
The ART accelerator is ON.
•
Voltage Scale 2 mode selected, internal digital voltage V12 = 1.26 V.
•
HCLK is the system clock at 84 MHz. fPCLK1 = fHCLK/2, and fPCLK2 = fHCLK.
The given value is calculated by measuring the difference of current consumption
–
with all peripherals clocked off
–
with only one peripheral clocked on
•
Ambient operating temperature is 25 °C and VDD=3.3 V.
Table 33. Peripheral current consumption
Peripheral
IDD (Typ)
Unit
AHB1
(up to 100 MHz)
GPIOA
1.55
µA/MHz
GPIOB
1.55
GPIOC
1.55
GPIOD
1.55
GPIOE
1.55
GPIOH
1.55
CRC
0.36
DMA1(1)
14.96
DMA1(2)
1.54N+2.66
DMA2(1)
14.96
DMA2(2)
1.54N+2.66
APB1
(up to 50 MHz)
TIM2
11.19
µA/MHz
TIM3
8.57
TIM4
8.33
TIM5
11.19
PWR
0.71
USART2
3.33
I2C1/2/3
3.10
SPI2(3)
2.62
SPI3(3)
2.86
I2S2
1.90
I2S3
1.67
WWDG
0.71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com