Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F411XC Datasheet(PDF) 100 Page - STMicroelectronics

Part # STM32F411XC
Description  ARM® Cortex®-M4 32b MCUFPU, 125 DMIPS, 512KB Flash, 128KB RAM, USB OTG FS, 11 TIMs, 1 ADC, 13 comm. interfaces
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F411XC Datasheet(HTML) 100 Page - STMicroelectronics

Back Button STM32F411XC Datasheet HTML 96Page - STMicroelectronics STM32F411XC Datasheet HTML 97Page - STMicroelectronics STM32F411XC Datasheet HTML 98Page - STMicroelectronics STM32F411XC Datasheet HTML 99Page - STMicroelectronics STM32F411XC Datasheet HTML 100Page - STMicroelectronics STM32F411XC Datasheet HTML 101Page - STMicroelectronics STM32F411XC Datasheet HTML 102Page - STMicroelectronics STM32F411XC Datasheet HTML 103Page - STMicroelectronics STM32F411XC Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 149 page
background image
Electrical characteristics
STM32F411xC STM32F411xE
100/149
DocID026289 Rev 6
Output voltage levels
Unless otherwise specified, the parameters given in Table 54 are derived from tests
performed under ambient temperature and VDD supply voltage conditions summarized in
Table 14. All I/Os are CMOS and TTL compliant.
Table 54. Output voltage characteristics
Symbol
Parameter
Conditions
Min
Max
Unit
VOL(1)
1. The IIO current sunk by the device must always respect the absolute maximum rating specified in Table 12.
and the sum of IIO (I/O ports and control pins) must not exceed IVSS.
Output low level voltage for an I/O pin
CMOS port(2)
IIO = +8 mA
2.7 V ≤VDD ≤3.6 V
2. TTL and CMOS outputs are compatible with JEDEC standards JESD36 and JESD52.
-0.4
V
VOH(3)
3. The IIO current sourced by the device must always respect the absolute maximum rating specified in
Table 12 and the sum of IIO (I/O ports and control pins) must not exceed IVDD.
Output high level voltage for an I/O pin
VDD–0.4
-
VOL (1) Output low level voltage for an I/O pin
TTL port(2)
IIO =+8 mA
2.7 V ≤VDD ≤3.6 V
-0.4
V
VOH (3) Output high level voltage for an I/O pin
2.4
-
VOL(1) Output low level voltage for an I/O pin
IIO = +20 mA
2.7 V ≤VDD ≤3.6 V
-1.3(4)
4. Guaranteed by characterization results.
V
VOH(3) Output high level voltage for an I/O pin
VDD–1.3(4)
-
VOL(1) Output low level voltage for an I/O pin
IIO = +6 mA
1.8 V ≤VDD ≤3.6 V
-0.4(4)
V
VOH(3) Output high level voltage for an I/O pin
VDD–0.4(4)
-
VOL(1) Output low level voltage for an I/O pin
IIO = +4 mA
1.7 V ≤VDD ≤3.6 V
-0.4(5)
5. Guaranteed by design.
V
VOH(3) Output high level voltage for an I/O pin
VDD–0.4(5)
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com