Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FERD40U45C Datasheet(PDF) 1 Page - STMicroelectronics

Part # FERD40U45C
Description  Low forward voltage drop
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FERD40U45C Datasheet(HTML) 1 Page - STMicroelectronics

  FERD40U45C Datasheet HTML 1Page - STMicroelectronics FERD40U45C Datasheet HTML 2Page - STMicroelectronics FERD40U45C Datasheet HTML 3Page - STMicroelectronics FERD40U45C Datasheet HTML 4Page - STMicroelectronics FERD40U45C Datasheet HTML 5Page - STMicroelectronics FERD40U45C Datasheet HTML 6Page - STMicroelectronics FERD40U45C Datasheet HTML 7Page - STMicroelectronics FERD40U45C Datasheet HTML 8Page - STMicroelectronics FERD40U45C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
This is information on a product in full production.
November 2013
DocID024891 Rev 1
1/10
FERD40U45C
Field effect rectifier
Datasheet
- production data
Features
 ST advanced rectifier process
 Stable leakage current over reverse voltage
 Low forward voltage drop
 High frequency operation
Description
This dual rectifier is based on a proprietary
technology that achieves the best in class VF/IR
for a given silicon surface.
Packaged in TO-220AB, and D2PAK, this device
is intended to be used in switch mode power
supplies, or automotive applications
K
A2
A1
A1
A2
K
K
A1K
A2
D2PAK
FERD40U45CG
TO-220AB
FERD40U45CT
Table 1. Device summary
IF(AV)
2 x 20 A
VRRM
45 V
VF(typ)
0.31 V
www.st.com


Similar Part No. - FERD40U45C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
FERD40U50C STMICROELECTRONICS-FERD40U50C Datasheet
150Kb / 8P
Reduced leakage current
June 2015 Rev 1
More results

Similar Description - FERD40U45C

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
30D4 NIEC-30D4 Datasheet
21Kb / 2P
LOW FORWARD VOLTAGE DROP
logo
Kersemi Electronic Co.,...
MBRP3045N KERSEMI-MBRP3045N Datasheet
406Kb / 3P
Low forward voltage drop
logo
Shenzhen Luguang Electr...
SS34L LUGUANG-SS34L Datasheet
281Kb / 2P
Low forward voltage drop
logo
Sangdest Microelectroni...
DB151S SMC-DB151S Datasheet
142Kb / 4P
Low forward voltage drop
GBJ20005 SMC-GBJ20005 Datasheet
128Kb / 4P
Low forward voltage drop
logo
DIYI Electronic Technol...
GBPC35005 DYELEC-GBPC35005 Datasheet
2Mb / 2P
Low forward voltage drop
GBU10005 DYELEC-GBU10005 Datasheet
2Mb / 2P
Low forward voltage drop
KBP4005G DYELEC-KBP4005G Datasheet
238Kb / 2P
Low forward voltage drop
logo
Unisonic Technologies
MGBR15L100CL-TA3-T UTC-MGBR15L100CL-TA3-T Datasheet
163Kb / 3P
Low forward voltage drop
TGBR30L60CL-TA3-T UTC-TGBR30L60CL-TA3-T Datasheet
157Kb / 3P
Low forward voltage drop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com