Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FERD40U45C Datasheet(PDF) 5 Page - STMicroelectronics

Part # FERD40U45C
Description  Low forward voltage drop
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FERD40U45C Datasheet(HTML) 5 Page - STMicroelectronics

  FERD40U45C Datasheet HTML 1Page - STMicroelectronics FERD40U45C Datasheet HTML 2Page - STMicroelectronics FERD40U45C Datasheet HTML 3Page - STMicroelectronics FERD40U45C Datasheet HTML 4Page - STMicroelectronics FERD40U45C Datasheet HTML 5Page - STMicroelectronics FERD40U45C Datasheet HTML 6Page - STMicroelectronics FERD40U45C Datasheet HTML 7Page - STMicroelectronics FERD40U45C Datasheet HTML 8Page - STMicroelectronics FERD40U45C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DocID024891 Rev 1
5/10
FERD40U45C
Package Information
10
2
Package Information
Epoxy meets UL94,V0
Cooling method: by conduction (C)
Recommended torque value: 0.4 to 0.6 N·m (TO-220AB)
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 8. TO-220AB dimension definitions
A
F
D1
J1
H1
∅P
Q
D
L1
L
b
E
e1
e
L20
L30
b1
c
Resin gate
0.5 mm max.
protrusion(1)
Resin gate
0.5 mm max.
protrusion(1)
(1) Resin gate position accepted in each of the two
position shown as well as the symmetrical opposites



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com