Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD4NK100Z Datasheet(PDF) 4 Page - STMicroelectronics

Part # STD4NK100Z
Description  Very low intrinsic capacitance
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD4NK100Z Datasheet(HTML) 4 Page - STMicroelectronics

  STD4NK100Z Datasheet HTML 1Page - STMicroelectronics STD4NK100Z Datasheet HTML 2Page - STMicroelectronics STD4NK100Z Datasheet HTML 3Page - STMicroelectronics STD4NK100Z Datasheet HTML 4Page - STMicroelectronics STD4NK100Z Datasheet HTML 5Page - STMicroelectronics STD4NK100Z Datasheet HTML 6Page - STMicroelectronics STD4NK100Z Datasheet HTML 7Page - STMicroelectronics STD4NK100Z Datasheet HTML 8Page - STMicroelectronics STD4NK100Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Electrical characteristics
STD4NK100Z
4/16
DocID022821 Rev 2
2
Electrical characteristics
(TCASE=25 °C unless otherwise specified)
Table 5. On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
ID = 1 mA, VGS= 0
1000
V
IDSS
Zero gate voltage drain
current (VGS = 0)
VDS = 1000 V,
VDS = 1000 V, Tc = 125 °C
1
50
µA
µA
IGSS
Gate body leakage current
(VGS = 0)
VGS = ± 20 V
±
10
µA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 50 µA
3
3.75
4.5
V
RDS(on)
Static drain-source
on-resistance
VGS = 10 V, ID = 1.1 A
5.6
6.8
Ω
Table 6. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS =25 V, f=1 MHz,
VGS=0
-
601
-
pF
Coss
Output capacitance
-
53
-
pF
Crss
Reverse transfer
capacitance
-12
-
pF
Coss. eq
(1)
1.
Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS
increases from 0 to 80% VDSS
Equivalent output
capacitance
VGS=0, VDS =0 V to 800 V
-
15
-
pF
td(on)
Turn-on delay time
VDD=500 V, ID= 1.25 A,
RG=4.7 Ω, VGS=10 V
(see Figure 16)
-15
-
ns
tr
Rise time
-
7.5
-
ns
td(off)
Off-voltage rise time
-
32
-
ns
tf
Fall time
-
39
-
ns
Qg
Total gate charge
VDD=800 V, ID = 2.5 A
VGS =10 V
(see Figure 15)
-18
-
nC
Qgs
Gate-source charge
-
3.6
-
nC
Qgd
Gate-drain charge
-
9.2
-
nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com