Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC97307VUL Datasheet(PDF) 86 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307VUL
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307VUL Datasheet(HTML) 86 Page - National Semiconductor (TI)

Back Button PC97307VUL Datasheet HTML 82Page - National Semiconductor (TI) PC97307VUL Datasheet HTML 83Page - National Semiconductor (TI) PC97307VUL Datasheet HTML 84Page - National Semiconductor (TI) PC97307VUL Datasheet HTML 85Page - National Semiconductor (TI) PC97307VUL Datasheet HTML 86Page - National Semiconductor (TI) PC97307VUL Datasheet HTML 87Page - National Semiconductor (TI) PC97307VUL Datasheet HTML 88Page - National Semiconductor (TI) PC97307VUL Datasheet HTML 89Page - National Semiconductor (TI) PC97307VUL Datasheet HTML 90Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 218 page
background image
86
www.national.com
5.7
THE FDC COMMAND SET
The first command byte for each command in the FDC com-
mand set is the opcode byte. The FDC uses this byte to de-
termine how many command bytes to expect.
If an invalid command byte is issued to the controller, it im-
mediately enters the result phase and the status is 80h, sig-
nifying an invalid command.
Table 5-9 shows the FDC commands in alphabetical order
with the opcode, i.e., the first command byte, for each.
In this table:
• MT is a multi-track enable bit (See “Bit 7 - Multi-Track
(MT)” on page 96.)
• MFM is a modified frequency modulation parameter
(See “Bit 6 - Modified Frequency Modulation (MFM)”
on page 90.)
• SK is a skip control bit. (See “Bit 5 - Skip Control (SK)”
on page 96.)
Section 5.7.1 explains some symbols and abbreviations
you will encounter in the descriptions of the commands.
All phases of each command are described in detail, start-
ing with Section 5.7.2, with bitmaps of each byte in each
phase.
Only named bits and fields are described in detail. When a
bitmap shows a value (0 or 1) for a bit, that bit must have
that value and is not described.
TABLE 5-9. FDC Command Set Summary
Command
Opcode
7
6
5
4 3210
CONFIGURE
0
0
0
1 0 0 1 1
DUMPREG
0
0
0
0 1 1 1 0
FORMAT TRACK
0
MFM
0
0 1 1 0 1
INVALID
Invalid Opcode
LOCK
0
0
1 0 1 0 0
MODE
0
0
0
0 0 0 0 1
NSC
0
0
0
1 1000
PERPENDICULAR
MODE
0
0
0
1 0010
READ DATA
MT
MFM
SK
0 0 1 1 0
READ DELETED
DATA
MT
MFM
SK
0 1 1 0 0
READ ID
0
MFM
0
0 1 0 1 0
READ TRACK
0
MFM
0
0 0 0 1 0
RECALIBRATE
0
0
0
0 0 1 1 1
RELATIVE SEEK
1
DIR
0
0 1 1 1 1
SCAN EQUAL
MT
MFM
SK
1 0 0 0 1
SCAN HIGH OR
EQUAL
MT
MFM
SK
1 1 1 0 1
SCAN LOW OR
EQUAL
MT
MFM
SK
1 1 0 0 1
SEEK
0
0
0
0 1 1 1 1
SENSE DRIVE
STATUS
0
0
0
0 0100
SENSE INTERRUPT
0
0
0
0 1 0 0 0
SET TRACK
0
1
0 0 0 0 1
SPECIFY
0
0
0
0 0 0 1 1
VERIFY
MT
MFM
SK
1 0 1 1 0
VERSION
0
0
0
1 0 0 0 0
WRITE DATA
MT
MFM
0
0 0 1 0 1
WRITE DELETED
DATA
MT
MFM
0
0 1 0 0 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com