Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC97307VUL Datasheet(PDF) 96 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307VUL
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307VUL Datasheet(HTML) 96 Page - National Semiconductor (TI)

Back Button PC97307VUL Datasheet HTML 92Page - National Semiconductor (TI) PC97307VUL Datasheet HTML 93Page - National Semiconductor (TI) PC97307VUL Datasheet HTML 94Page - National Semiconductor (TI) PC97307VUL Datasheet HTML 95Page - National Semiconductor (TI) PC97307VUL Datasheet HTML 96Page - National Semiconductor (TI) PC97307VUL Datasheet HTML 97Page - National Semiconductor (TI) PC97307VUL Datasheet HTML 98Page - National Semiconductor (TI) PC97307VUL Datasheet HTML 99Page - National Semiconductor (TI) PC97307VUL Datasheet HTML 100Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 218 page
background image
96
www.national.com
5.7.10
The READ DATA Command
The READ DATA command reads logical sectors that con-
tain a normal data address mark from the selected drive and
makes the data available to the host microprocessor.
Command Phase
The READ DATA command phase bytes must specify the
following ID information for the desired sector:
• Track number
• Head number
• Sector number
• Bytes-per-sector code (See Table 5-11.)
• End of Track (EOT) sector number. This allows the con-
troller to read multiple sectors.
• The value of the data length byte is ignored and must be
set to FFh.
After the last command phase byte is written, the controller
waits the Delay Before Processing time (see Table 5-25 on
page 106) for the selected drive. During this time, the drive
motor must be turned on by enabling the appropriate drive
and motor select disk interface output signals via the bits of
the Digital Output Register (DOR). See “Digital Output Reg-
ister (DOR), Offset 02h” on page 71.
First Command Phase Byte
Bit 5 - Skip Control (SK)
This controls whether or not sectors containing a delet-
ed address mark will be skipped during execution of the
READ DATA command. See Table 5-17.
0 - Do not skip sector with deleted address mark.
1 - Skip sector with deleted address mark.
Bit 6 - Modified Frequency Modulation (MFM)
This bit indicates the type of the disk drive and the data
transfer rate, and determines the format of the address
marks and the encoding scheme.
0 - FM mode, i.e., single density.
1 - MFM mode, i.e., double density.
76543210
MT
MFM
SK
00110
IPS
XXXX
HD
DS1
DS0
Track Number
Head Number
Sector Number
Bytes-Per-Sector Code
End of Track (EOT) Sector Number
Bytes Between Sectors - Gap 3
Data Length (Obsolete)
Bit 7 - Multi-Track (MT)
This bit controls whether or not the controller continues
to side 1 of the disk after reaching the last sector of side
0.
0 - Single track. The controller stops at the last sector
of side 0.
1 - Multiple tracks. the controller continues to side 1 af-
ter reaching the last sector of side 0.
Second Command Phase Byte
Bits 1,0 - Logical Drive Select (DS1,0)
These bits indicate which logical drive is active. See
“Bits 1,0 - Logical Drive Select (DS1,0)” on page 90.
00 - Drive 0 is selected. (Default)
01 - Drive 1 is selected.
10 - If four drives are supported, or drives 2 and 0 are
exchanged, drive 2 is selected.
11 - If four drives are supported, drive 3 is selected.
Bit 2 - Head (HD)
This bit indicates which side of the Floppy Disk Drive
(FDD) is selected by the head. Its value is the inverse of
the HDSEL disk interface output signal.See “Bit 2 -
Head Select (HD)” on page 90.
0 - HDSEL is not active, i.e., the head of the FDD se-
lects side 0. (Default)
1 - HDSEL is active, i.e., the FDD head selects side 1.
Bit 7 - Implied Seek (IPS)
This bit indicates whether or not an implied seek should
be performed. See also, “Bit 5 - Implied Seek (IPS)” on
page 93.
A software reset clears this bit to its default value of 0.
0 - No implied seek operations. (Default)
1 - The controller performs seek and sense interrupt
operations before executing the command.
Third Command Phase Byte - Track Number
The value in this byte specifies the number of the track
to read.
Fourth Command Phase Byte - Head Number
The value in this byte specifies head to use.
Fifth Command Phase Byte - Sector Number
The value in this byte specifies the sector to read.
Sixth Command Phase Byte - Bytes-Per-Sector Code
This byte contains a code in hexadecimal format that in-
dicates the number of bytes in a data field. Table 5-11
on page 90 indicates the number of bytes that corre-
sponds to each code.
Seventh Command Phase Byte -
End of Track (EOT) Sector Number
This byte specifies the number of the sector at the End
Of the Track (EOT).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com