Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP7201 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP7201
Description  DUAL 150mA LOW DROPOUT LINEAR REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7201 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP7201 Datasheet HTML 3Page - Diodes Incorporated AP7201 Datasheet HTML 4Page - Diodes Incorporated AP7201 Datasheet HTML 5Page - Diodes Incorporated AP7201 Datasheet HTML 6Page - Diodes Incorporated AP7201 Datasheet HTML 7Page - Diodes Incorporated AP7201 Datasheet HTML 8Page - Diodes Incorporated AP7201 Datasheet HTML 9Page - Diodes Incorporated AP7201 Datasheet HTML 10Page - Diodes Incorporated AP7201 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AP7201
DUAL 150mA LOW DROPOUT LINEAR REGULATOR
AP7201 Rev. 3
7 of 13
MAY 2014
www.diodes.com
© Diodes Incorporated
DISCONTINUED
Typical Performance Characteristics (Continued)
PSRR (Vin=2.8V @ Ta=25C)
1.8V Fixed Output
54
59
64
69
74
79
84
0.1
1
10
100
Frequency (KHz)
30mA - Output
Load
100mA - Output
Load
150mA - Output
Load
PSRR (Vin= 4.3V @ Ta=25C)
3.3V Fixed Output
63
65
67
69
71
73
75
77
79
81
0.1
1
10
100
Frequency (KHz)
30mA - Output
Load
100mA - Output
Load
150mA - Output
Load
Start-up Time (Vout=3.3V, Iout=0mA)
Time (20us/div)
Start-up Time (Vout=3.3V, Iout=150mA)
Time (20us/div)
Current Limit Protection (Vout=3.3V)
Time (50us/div)
Short Circuit Protection (Vout=3.3V)
Time (1ms/div)
Ven
1V/div
Vout
2V/div
Ven
1V/div
Vout
2V/div
Vout
2V/div
Iout
100mA/div
Vout
2V/div
Iout
50mA/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com