Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP7201 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP7201
Description  DUAL 150mA LOW DROPOUT LINEAR REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7201 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP7201 Datasheet HTML 4Page - Diodes Incorporated AP7201 Datasheet HTML 5Page - Diodes Incorporated AP7201 Datasheet HTML 6Page - Diodes Incorporated AP7201 Datasheet HTML 7Page - Diodes Incorporated AP7201 Datasheet HTML 8Page - Diodes Incorporated AP7201 Datasheet HTML 9Page - Diodes Incorporated AP7201 Datasheet HTML 10Page - Diodes Incorporated AP7201 Datasheet HTML 11Page - Diodes Incorporated AP7201 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
AP7201
DUAL 150mA LOW DROPOUT LINEAR REGULATOR
AP7201 Rev. 3
8 of 13
MAY 2014
www.diodes.com
© Diodes Incorporated
DISCONTINUED
Typical Performance Characteristics (Continued)
Line Transient Response
Time (20us/div)
Line Transient Response
Time (20us/div)
Output Load Transient Response
(Vout=1.0V)
Time (40us/div)
Output Load Transient Response
(Vout=1.8V)
Time (40us/div)
Vin=4.0 to 5.0V
Cout=1uF (ceramic)
Iout=150mA
Vin
1V/div
Vout
50mV/div
Iout
100mA/div
Vin=5.0V to 4.0V
Cout=1uF (ceramic)
Iout=150mA
Vin
1V/div
Vout
50mV/div
Iout
100mA/div
Tf=Tr=5us
Cout=1uF (ceramic)
Vout
100mV/div
Iout
50mA/div
Tf=Tr=5us
Cout=1uF (ceramic)
Vout
50mV/div
Iout
100mA/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com